Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HDMP-1687 Datasheet(PDF) 13 Page - Agilent(Hewlett-Packard)

Part # HDMP-1687
Description  Four Channel SerDes Circuit for Gigabit Ethernet and Fibre Channel
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HDMP-1687 Datasheet(HTML) 13 Page - Agilent(Hewlett-Packard)

Back Button HDMP-1687 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HDMP-1687 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HDMP-1687 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HDMP-1687 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HDMP-1687 Datasheet HTML 12Page - Agilent(Hewlett-Packard) HDMP-1687 Datasheet HTML 13Page - Agilent(Hewlett-Packard) HDMP-1687 Datasheet HTML 14Page - Agilent(Hewlett-Packard) HDMP-1687 Datasheet HTML 15Page - Agilent(Hewlett-Packard) HDMP-1687 Datasheet HTML 16Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
TRx I/O Definition
Name
Type
Signal
SI [0:3]+
HS_IN
Serial Data Inputs: High-speed inputs. Serial data is accepted from the SI [0:3]
±
SI [0:3]–
inputs when LOOP is low.
SO [0:3]+
HS_ OUT
Serial Data Outputs: High speed outputs. These lines are active when LOOP is
SO [0:3]–
set low. When LOOP is set high, these outputs are held static at logic 1.
SYNC
I-TTL
Enable Byte Sync Input: When high, turns on the internal byte sync functions to
allow clock synchronization to a comma character of positive disparity (0011111XXX).
When the line is low, the function is disabled and will not reset registers and clocks,
or strobe the SYN [0:3] lines.
SYN [0:3]
O-TTL
Byte Sync Outputs: Active high outputs. Used to indicate detection of a comma
character of positive disparity (0011111XXX) when SYNC is enabled.
N/C
These pins need to be left open. Do not apply voltage on this pin.
LOOP
I-TTL
Loopback Enable Input: When set high, the high speed serial signal is internally
wrapped from the transmitter’s serial loopback outputs back to the receiver‘s
loopback inputs. Also when in loopback mode, the SO [0:3]
± outputs are held static
at logic 1. When set low, SO [0:3]
± outputs and SI [0:3]± inputs are active.
RCM0
I-TTL
Receivers Clocking Mode Definition Pins: These pins define how received
parallel data are driven as follows:
RCM0
Receive Clock Mode
0
half speed dual clocks
1
full speed single clocks
RC [0:3] [0:1]
O-TTL
Receiver Byte Clocks: The receiver sections drive 125 MHz receive byte clocks
RC [0:3] [1]. Alternatively, they may drive half speed clocks RC [0:3] [0:1]. See RCM0
definition.
RFCT
I-TTL
Reference Clock and Transmit Byte Clock: A 125 MHz clock supplied by the host
system. The transmitter sections accept this signal as the frequency reference clock.
It is multiplied by 10 to generate the serial bit clock and other internal clocks. The
transmit sections use this clock as the transmit byte clock for transmitting parallel
data at TX [0:3] [0:9].
RX [0:3] [0]
O-TTL
Data Outputs: Four 10 bit data bytes. RX [0:3] [0] are the first bits received.
RX [0:3] [1]
RX [0:3] [2]
RX [0:3] [3]
RX [0:3] [4]
RX [0:3] [5]
RX [0:3] [6]
RX [0:3] [7]
RX [0:3] [8]
RX [0:3] [9]
CAP0
C
Loop Filter Capacitor: A loop filter capacitor for the internal PLLs must be connected
CAP1
across the CAP0 and CAP1 pins. (typical value = 0.1
µF).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com