Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XC2164L51 Datasheet(PDF) 2 Page - Torex Semiconductor

Part # XC2164L51
Description  ICs for use with Crystal Oscillators
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC2164L51 Datasheet(HTML) 2 Page - Torex Semiconductor

  XC2164L51 Datasheet HTML 1Page - Torex Semiconductor XC2164L51 Datasheet HTML 2Page - Torex Semiconductor XC2164L51 Datasheet HTML 3Page - Torex Semiconductor XC2164L51 Datasheet HTML 4Page - Torex Semiconductor XC2164L51 Datasheet HTML 5Page - Torex Semiconductor XC2164L51 Datasheet HTML 6Page - Torex Semiconductor XC2164L51 Datasheet HTML 7Page - Torex Semiconductor XC2164L51 Datasheet HTML 8Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
ORDERING INFORMATION
XC2164
123456
Duty Level
f0/1
Chip Enable
CMOS (VDD/2)
f0/2
Chip Enable
Note : TTL : Fundamental 4MHz to 30MHz
f0/4
Chip Enable
f0/8
Chip Enable
Built-in Type
(3rd O/T)
=refer to table 1
f0/1
Output Enable
Built-in Type
(Fundamental)
=refer to table 2
f0/2
Output Enable
f0/4
Output Enable
f0/8
Output Enable
Note : f0/2, f0/4, f0/8 are fundamental only
Chip Form
SOT-26
Embossed Tape: Standard Feed
Embossed Tape: Reverse Feed
Chip Tray
Wafer
Table 1: Built-in Type (3rd O/T)
Table 2 : Built-In Type (Fundamental)
(*) Rf=3.5M
Ω @VDD=5.0V Operation
Rf=7.0M
Ω @VDD=3.3V Operation
T
4MHz to 30MHz
4MHz to 30MHz
3.5
DESCRIPTION
Ratio Divider & Stand-By Mode
2
5
Fixed Number
1
B
K
L
A
C
M
5
5.5
(pF)
Cd
14.0
9.0
5.0
16.0
Cg
Package
Rf
Cg
Cd
(k
Ω)
(pF)
12.5
12.5
3.5
2.0
7.0
L
110MHz to 125MHz
3.3V ± 10%
40MHz to 50MHz
Frequency Range
30MHz to 40MHz
-
20MHz to 30MHz
30MHz to 40MHz
A
B
C
95MHz to 110MHz
40MHz to 50MHz
50MHz to 65MHz
65MHz to 80MHz
80MHz to 95MHz
35.0
4MHz to 30MHz
4MHz to 30MHz
3.5
7.0
35.0
SYMBOL
SYMBOL
5.0V ± 10%
E
F
H
K
4
SYMBOL
3
1
Recommended Frequency Range & Rf, Cg, Cd values
N
W
L
21.5
21.5
6
R
5.0V ± 10%
20MHz to 30MHz
(pF)
50MHz to 65MHz
65MHz to 80MHz
20.0
DESIGNATOR
D
6.5
20.0
SYMBOL
DESIGNATOR
DESCRIPTION
3.3V ± 10%
Rf (*)
(M
Ω)
2.3
D
(pF)
Frequency Range
M, V
80MHz to 95MHz
95MHz to 110MHz
2.8
110MHz to 125MHz
-
C
T
M
7.0
5.5
2.5
2.2
16.0
10.0
10.0
8.0
8.0
20.0
7.0
20.0
14.0
XC2164 Series
ICs for use with Crystal Oscillators
Semiconductor Ltd.
2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com