Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KP30P Datasheet(PDF) 1 Page - Thinki Semiconductor Co., Ltd.

Part # KP30P
Description  30 Ampere Standard Type Positive Block Rectifier Diodes for Mitsubishi Alternator
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINKISEMI [Thinki Semiconductor Co., Ltd.]
Direct Link  http://www.thinkisemi.com
Logo THINKISEMI - Thinki Semiconductor Co., Ltd.

KP30P Datasheet(HTML) 1 Page - Thinki Semiconductor Co., Ltd.

  KP30P Datasheet HTML 1Page - Thinki Semiconductor Co., Ltd. KP30P Datasheet HTML 2Page - Thinki Semiconductor Co., Ltd. KP30P Datasheet HTML 3Page - Thinki Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Pb Free Plating Product
KP30P/KP30N
30 Ampere Standard Type Positive Block Rectifier Diodes for Mitsubishi Alternator
Pb
KP30P/KP30N
© 1995 Thinki Semiconductor Co., Ltd.
http://www.thinkisemi.com.tw/
Page 1/3
Rev.09T
BLOCK/TO-230/BA/MR/K series
Low leakage
Low forward voltage drop
High current capability
High forward surge current capability
Feature:
Application:
Block Diode/Alternator Diode with AEC-Q101 Grade Quality
Stack Silicon Diffused Diode alternative
Special for Automotive AC Alternator rectifier application
Technology: Latest Glass Passivation Pellet/Cu Clip Bonding
Case: Vacuum soldered/sintered temperature < 260
Cathode Polarity: As marked on body
Lead: Plated lead, solderable per MIL-STD-202E method 208C
Mounting: BLOCK/TO-230/BA/MR/K series package type
Mechanical Data:
Case
Lead
Suffix:"P"
Positive
Suffix:"N"
Negative
KP30P
℃
Lead
Case
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
•
Ratings at 25℃ ambient temperature unless otherwise specified
•
Single Phase, half wave, 60Hz, resistive or inductive load
•
For capacitive load derate current by 20%
SYMBOLS
KP30P/KP30N
UNIT
Maximum Repetitive Peak Reverse Voltage
VRRM
400
Volts
Maximum RMS Voltage
VRMS
280
Volts
Maximum DC Blocking Voltage
VDC
400
Volts
Maximum Average Forward Rectified Current,
At TC = 105
Io
30
Amps
Peak Forward Surge Current
8.3mS single half sine wave superimposed on
rated load (JEDEC method)
IFSM
400
Amps
Rating for fusing (t<8.3ms)
I2t
664
A2S
Maximum Instantaneous Forward Voltage Drop at 100A
VF
1.10
Volts
IR
5.0
100
µA
Typical Thermal Resistance
RθJL
1.0
Operating and Storage Temperature Rang
TJ, TSTG
(-65 to +175)
NOTES:
1.Enough heatsink must be considered in application.
℃/W
℃
Maximum DC Reverse Current at Rated TA=25℃
DC Blocking Voltage
TA=100℃
℃
KP30N


Similar Part No. - KP30P

ManufacturerPart #DatasheetDescription
logo
ZHEJIANG HUAJING RECTIF...
KP3000A HUAJING-KP3000A Datasheet
290Kb / 3P
Phase Control Thyristor
logo
Shenzhen Luguang Electr...
KP3000A LUGUANG-KP3000A Datasheet
3Mb / 4P
Phase control thyristor
logo
ZHEJIANG HUAJING RECTIF...
KP300A HUAJING-KP300A Datasheet
270Kb / 3P
Phase Control Thyristor
logo
Shenzhen Luguang Electr...
KP300A LUGUANG-KP300A Datasheet
3Mb / 4P
Phase control thyristor
logo
COSMO Electronics Corp...
KP3010 COSMO-KP3010 Datasheet
57Kb / 1P
ELECTRONICS CORPORATION
More results

Similar Description - KP30P

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
B23S THINKISEMI-B23S Datasheet
1Mb / 3P
30 Ampere Avalanche Type Block Rectifier Diodes for Mitsubishi Alternator
BA30MP THINKISEMI-BA30MP Datasheet
1Mb / 3P
30 Ampere Avalanche Type Block Rectifier Diodes for Mitsubishi Alternator
E30A23VS THINKISEMI-E30A23VS Datasheet
1Mb / 3P
30 Ampere Avalanche Type Block Rectifier Diodes for Mitsubishi Alternator
GBA30MP THINKISEMI-GBA30MP Datasheet
1Mb / 3P
30 Ampere Avalanche Type Block Rectifier Diodes for Mitsubishi Alternator
GBA30ZP THINKISEMI-GBA30ZP Datasheet
1Mb / 3P
30 Ampere Avalanche Type Block Rectifier Diodes for Mitsubishi Alternator
SG-10LZ23S THINKISEMI-SG-10LZ23S Datasheet
1Mb / 3P
30 Ampere Avalanche Type Block Rectifier Diodes for Mitsubishi Alternator
B302N THINKISEMI-B302N_V01 Datasheet
1Mb / 3P
30 Ampere Standard Type Negative Block Rectifier Diodes for Mitsubishi Alternator
B302P THINKISEMI-B302P_V01 Datasheet
1Mb / 3P
30 Ampere Standard Type Positive Block Rectifier Diodes for Mitsubishi Alternator
GB302N THINKISEMI-GB302N Datasheet
1Mb / 3P
30 Ampere Standard Type Negative Block Rectifier Diodes for Mitsubishi Alternator
GB302P THINKISEMI-GB302P Datasheet
1Mb / 3P
30 Ampere Standard Type Positive Block Rectifier Diodes for Mitsubishi Alternator
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com