Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M3465-SS Datasheet(PDF) 1 Page - RAF ELECTRONIC HARDWARE

Part # M3465-SS
Description  PLAIN THUMB SCREWS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAF [RAF ELECTRONIC HARDWARE]
Direct Link  http://www.rafhdwe.com/
Logo RAF - RAF ELECTRONIC HARDWARE

M3465-SS Datasheet(HTML) 1 Page - RAF ELECTRONIC HARDWARE

  M3465-SS Datasheet HTML 1Page - RAF ELECTRONIC HARDWARE  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This Drawing is the Property of RAF.
It contains confidential, proprietary
information that is RAF property. Do
not disclose to or duplicate for others
except as authorized by RAF.
TOLERANCES
ALL DIMENSIONS ARE INCHES
(UNLESS OTHERWISE SPECIFIED)
METALLIC
LENGTHS </=: 6 INCHES ± 0.005
LENGTH >: 6 INCHES ±0.010
DIAMETERS: ±0.005
NON-METALLIC
LENGTH: ±0.010 DIAMETERS: ± 0.010
INTERNAL THREADS:
MINIMUM THREAD DEPTH
SCALE
SHEET
1 of 1
REV
DATE
DRN
CHK
CHANGE
SJ
T
Drawn
0.197 0.020
5.00 0.5
[
]
0.315 0.020
8.00 0.5
[
]
0.32+0.020
-0.000
8.00+0.5
0
[
]
0.512 0.020
13.00 0.5
[
]
PLAIN THUMB SCREWS
M3465-SS
4.00
95 Silvermine Rd.,Seymour CT 06483
Tel: 203-888-2133, Fax: 203-888-9860
02/23/17
COMPONENT
THUMB SCREWS
NOTES:
1. Material : Stainless Steel
2. Finish : No Plate
3. ASME Y14.5M - 2009
4. All Drawing Dimensions are in Inches [mm]
5. Unless otherwise specified; Edge Breaks,
Radii or Countersinks 0.005-0.015
0.4 X 45 (x2)
CHAMFER
M3X0.5
THREAD.
DIAMOND
KNURL


Similar Part No. - M3465-SS

ManufacturerPart #DatasheetDescription
logo
Enercon Technologies Eu...
M346-1 ENERCON-M346-1 Datasheet
524Kb / 4P
Battery Tester/Charger
December 7, 2020
logo
List of Unclassifed Man...
M3460 ETC-M3460 Datasheet
295Kb / 1P
Heyco짰-Tite Liquid Tight Cordgrips
logo
Heyco.
M3460 HEYCO-M3460 Datasheet
289Kb / 1P
Tite Liquid Tight Cordgrips
logo
List of Unclassifed Man...
M3461 ETC-M3461 Datasheet
295Kb / 1P
Heyco짰-Tite Liquid Tight Cordgrips
logo
Heyco.
M3461 HEYCO-M3461 Datasheet
289Kb / 1P
Tite Liquid Tight Cordgrips
More results

Similar Description - M3465-SS

ManufacturerPart #DatasheetDescription
logo
RAF ELECTRONIC HARDWARE
7103-AL RAF-7103-AL Datasheet
136Kb / 1P
WASHER FACE THUMB SCREWS
7112-SS RAF-7112-SS Datasheet
145Kb / 1P
WASHER FACE THUMB SCREWS
M3467-SS RAF-M3467-SS Datasheet
141Kb / 1P
PLAIN THUMB SCREWS
M3468-SS RAF-M3468-SS Datasheet
146Kb / 1P
PLAIN THUMB SCREWS
M3469-SS RAF-M3469-SS Datasheet
119Kb / 1P
PLAIN THUMB SCREWS
M3473-SS RAF-M3473-SS Datasheet
121Kb / 1P
PLAIN THUMB SCREWS
M3474-SS RAF-M3474-SS Datasheet
129Kb / 1P
PLAIN THUMB SCREWS
M3476-SS RAF-M3476-SS Datasheet
136Kb / 1P
PLAIN THUMB SCREWS
M3477-SS RAF-M3477-SS Datasheet
141Kb / 1P
PLAIN THUMB SCREWS
M3483-SS RAF-M3483-SS Datasheet
133Kb / 1P
PLAIN THUMB SCREWS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com