Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM339DR2 Datasheet(PDF) 2 Page - ON Semiconductor

Part # LM339DR2
Description  Quad Single Supply Comparators
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM339DR2 Datasheet(HTML) 2 Page - ON Semiconductor

  LM339DR2 Datasheet HTML 1Page - ON Semiconductor LM339DR2 Datasheet HTML 2Page - ON Semiconductor LM339DR2 Datasheet HTML 3Page - ON Semiconductor LM339DR2 Datasheet HTML 4Page - ON Semiconductor LM339DR2 Datasheet HTML 5Page - ON Semiconductor LM339DR2 Datasheet HTML 6Page - ON Semiconductor LM339DR2 Datasheet HTML 7Page - ON Semiconductor LM339DR2 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
LM339, LM339A, LM239, LM239A, LM2901, M2901V, MC3302
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (VCC = +5.0 Vdc, TA = +25°C, unless otherwise noted)
LM239A/339A
LM239/339
LM2901/2901V
MC3302
Characteristic
Symbol
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
Input Offset Voltage (Note 4)
VIO
–
±1.0 ±2.0
–
±2.0 ±5.0
–
±2.0 ±7.0
–
±3.0 ±20
mVdc
Input Bias Current (Notes 4, 5)
IIB
–
25
250
–
25
250
–
25
250
–
25
500
nA
(Output in Analog Range)
Input Offset Current (Note 4)
IIO
–
±5.0 ±50
–
±5.0 ±50
–
±5.0 ±50
–
±3.0 ±100
nA
Input Common Mode Voltage
Range
VICMR
0
–
VCC
–1.5
0
–
VCC
–1.5
0
–
VCC
–1.5
0
–
VCC
–1.5
V
Supply Current
ICC
mA
RL = ∞ (For All Comparators)
–
0.8
2.0
–
0.8
2.0
–
0.8
2.0
–
0.8
2.0
RL = ∞, VCC = 30 Vdc
–
1.0
2.5
–
1.0
2.5
–
1.0
2.5
–
1.0
2.5
Voltage Gain
AVOL
50
200
–
50
200
–
25
100
–
25
100
–
V/mV
RL ≥ 15 kΩ, VCC = 15 Vdc
Large Signal Response Time
–
–
300
–
–
300
–
–
300
–
–
300
–
ns
VI = TTL Logic Swing,
Vref = 1.4 Vdc, VRL = 5.0 Vdc,
RL = 5.1 kΩ
Response Time (Note 6)
–
–
1.3
–
–
1.3
–
–
1.3
–
–
1.3
–
µs
VRL = 5.0 Vdc, RL = 5.1 kΩ
Output Sink Current
ISink
6.0
16
–
6.0
16
–
6.0
16
–
6.0
16
–
mA
VI (–) ≥ +1.0 Vdc, VI(+) = 0,
VO ≤ 1.5 Vdc
Saturation Voltage
Vsat
–
130
400
–
130
400
–
130
400
–
130
500
mV
VI(–) ≥ +1.0 Vdc, VI(+) = 0,
Isink ≤ 4.0 mA
Output Leakage Current
IOL
–
0.1
–
–
0.1
–
–
0.1
–
–
0.1
–
nA
VI(+) ≥ +1.0 Vdc, VI(–) = 0,
VO = +5.0 Vdc
PERFORMANCE CHARACTERISTICS (VCC = +5.0 Vdc, TA = Tlow to Thigh [Note 3])
LM239A/339A
LM239/339
LM2901/2901V
MC3302
Characteristic
Symbol
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
Input Offset Voltage (Note 4)
VIO
–
–
±4.0
–
–
±9.0
–
–
±15
–
–
±40
mVdc
Input Bias Current (Notes 4, 5)
IIB
–
–
400
–
–
400
–
–
500
–
–
1000
nA
(Output in Analog Range)
Input Offset Current (Note 4)
IIO
–
–
±150
–
–
±150
–
–
±200
–
–
±300
nA
Input Common Mode Voltage
Range
VICMR
0
–
VCC
–2.0
0
–
VCC
–2.0
0
–
VCC
–2.0
0
–
VCC
–2.0
V
Saturation Voltage
Vsat
–
–
700
–
–
700
–
–
700
–
–
700
mV
VI(–) ≥ +1.0 Vdc, VI(+) = 0,
Isink ≤ 4.0 mA
Output Leakage Current
IOL
–
–
1.0
–
–
1.0
–
–
1.0
–
–
1.0
µA
VI(+) ≥ +1.0 Vdc, VI(–) = 0,
VO = 30 Vdc
Differential Input Voltage
VID
–
–
VCC
–
–
VCC
–
–
VCC
–
–
VCC
Vdc
All VI ≥ 0 Vdc
NOTES: 3. (LM239/239A) Tlow = –25°C, Thigh = +85°
(LM339/339A) Tlow = 0°C, Thigh = +70°C
(MC3302) Tlow = –40°C, Thigh = +85°C
(LM2901) Tlow = –40°C, Thigh = +105°
(LM2901V) Tlow = –40°C, Thigh = +125°C
4. At the output switch point, VO ] 1.4 Vdc, RS ≤ 100 Ω 5.0 Vdc ≤ VCC ≤ 30 Vdc, with the inputs over the full common mode range
(0 Vdc to VCC –1.5 Vdc).
5. The bias current flows out of the inputs due to the PNP input stage. This current is virtually constant, independent of the output state.
6. The response time specified is for a 100 mV input step with 5.0 mV overdrive. For larger signals, 300 ns is typical.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com