Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPR610CT Datasheet(PDF) 1 Page - Lite-On Technology Corporation

Part # STPR610CT
Description  SUPER FAST GLASS PASSIVATED RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

STPR610CT Datasheet(HTML) 1 Page - Lite-On Technology Corporation

  STPR610CT Datasheet HTML 1Page - Lite-On Technology Corporation STPR610CT Datasheet HTML 2Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
STPR610CT thru 620CT
REVERSE VOLTAGE
- 100 to 200 Volts
FORWARD CURRENT - 6.0 Amperes
SUPER FAST
GLASS PASSIVATED RECTIFIER
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%
FEATURES
Glass passivated chip
Superfast switching time for high efficiency
Low forward voltage drop and high current capability
Low reverse leakage current
High surge capacity
Plastic package has UL flammability classification 94V-0
MECHANICAL DATA
Case : TO-220AB molded plastic
Polarity : As marked on the body
Weight : 0.08 ounces, 2.24 grams
Mounting position : Any
VRMS
VDC
VRRM
I(AV)
IFSM
VF
STPR610CT
100
70
100
Maximum Average Forward
Rectified Current
@TC
=125 C
Non Repetitive Peak Forward
Surge Current Per Diode
Sinusoidal (JEDEC Method)
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum forward Voltage
Pulse Width =300us
Duty cycle
6.0
30
0.99
C
TJ ,TSTG
Operating and Storage Temperature Range
-55 to +150
Typical Thermal Resistance
R0JC
6.5
C/W
CJ
Typical Junction Capacitance
per element (Note 1)
35
pF
IR
@TJ =100 C
Maximum DC Reverse Current
at Rated DC Blocking Voltage
@TJ =25 C
5
50
uA
uA
V
A
A
V
UNIT
V
V
STPR620CT
140
200
CHARACTERISTICS
SYMBOL
Maximum Reverse Recovery Time (Note 2)
TRR
30
ns
TP
=10ms
TP
=8.3ms
@TJ =25 C
@TJ =25 C
@TJ =125 C
@TJ =125 C
40
1.20
1.25
200
IF
=3A
IF
=6A
IF
=6A
NOTES : 1.Measured at 1.0MHz and applied reverse voltage of 4.0V DC.
2.Reverse Recovery Test Conditions:IF=0.5A,IR=1.0A,IRR 0.25A.
TO-220AB
All Dimensions in millimeter
TO-220AB
DIM.
MIN.
MAX.
A
C
D
E
F
G
H
B
14.22
15.88
10.67
9.65
2.54
3.43
6.86
5.84
8.26
9.28
-
6.35
12.70
14.73
0.51
2.79
N
M
L
K
J
I
1.14
2.29
0.64
0.30
3.53
4.09
3.56
4.83
1.14
1.40
2.92
2.03
PIN 1
PIN 3
PIN 2
CASE
A
B
C
K
J
I
H
G
F
E
D
N
M
L
H
PIN
13
2
SEMICONDUCTOR
LITE-ON
REV. 3, 13-Sep-2001, KTGC06


Similar Part No. - STPR610CT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPR620C STMICROELECTRONICS-STPR620C Datasheet
766Kb / 7P
ULTRA FAST RECOVERY RECTIFIER DIODES
Jan-2002
STPR620CF STMICROELECTRONICS-STPR620CF Datasheet
76Kb / 6P
ULTRA FAST RECOVERY RECTIFIER DIODES
Oct-1999
STPR620CF STMICROELECTRONICS-STPR620CF Datasheet
766Kb / 7P
ULTRA FAST RECOVERY RECTIFIER DIODES
Jan-2002
STPR620CFP STMICROELECTRONICS-STPR620CFP Datasheet
766Kb / 7P
ULTRA FAST RECOVERY RECTIFIER DIODES
Jan-2002
STPR620CT STMICROELECTRONICS-STPR620CT Datasheet
76Kb / 6P
ULTRA FAST RECOVERY RECTIFIER DIODES
Oct-1999
More results

Similar Description - STPR610CT

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
SF51 GOOD-ARK-SF51 Datasheet
231Kb / 2P
GLASS PASSIVATED SUPER FAST RECTIFIER
logo
Nanjing International G...
MUR1620CT.JF DGNJDZ-MUR1620CT.JF Datasheet
85Kb / 2P
GLASS PASSIVATED SUPER FAST RECTIFIER
logo
Jinan Jing Heng Electro...
MUR520 JINGHENG-MUR520 Datasheet
60Kb / 2P
GLASS PASSIVATED SUPER FAST RECTIFIER
MUR520M2 JINGHENG-MUR520M2 Datasheet
51Kb / 2P
GLASS PASSIVATED SUPER FAST RECTIFIER
MUR1680CT JINGHENG-MUR1680CT Datasheet
57Kb / 2P
GLASS PASSIVATED SUPER FAST RECTIFIER
logo
Nantong Hornby Electron...
SF16X HORNBY-SF16X Datasheet
298Kb / 3P
GLASS PASSIVATED SUPER FAST RECTIFIER
SF30XPT HORNBY-SF30XPT Datasheet
275Kb / 3P
GLASS PASSIVATED SUPER FAST RECTIFIER
logo
Jinan Jingheng (Group) ...
MUR4060CT JINANJINGHENG-MUR4060CT Datasheet
164Kb / 3P
GLASS PASSIVATED SUPER FAST RECTIFIER
logo
Microdiode Semiconducto...
SF51G CHENDA-SF51G_V01 Datasheet
571Kb / 2P
SUPER FAST GLASS PASSIVATED RECTIFIER
logo
Rectron Semiconductor
MUR2020R RECTRON-MUR2020R Datasheet
575Kb / 5P
SUPER FAST GLASS PASSIVATED RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com