Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN54AS882AFK Datasheet(PDF) 7 Page - Texas Instruments

Part # SN54AS882AFK
Description  32-BIT LOOK-AHEAD CARRY GENERATORS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN54AS882AFK Datasheet(HTML) 7 Page - Texas Instruments

  SN54AS882AFK Datasheet HTML 1Page - Texas Instruments SN54AS882AFK Datasheet HTML 2Page - Texas Instruments SN54AS882AFK Datasheet HTML 3Page - Texas Instruments SN54AS882AFK Datasheet HTML 4Page - Texas Instruments SN54AS882AFK Datasheet HTML 5Page - Texas Instruments SN54AS882AFK Datasheet HTML 6Page - Texas Instruments SN54AS882AFK Datasheet HTML 7Page - Texas Instruments SN54AS882AFK Datasheet HTML 8Page - Texas Instruments SN54AS882AFK Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
SN54AS882A, SN74AS882A
32-BIT LOOK-AHEAD CARRY GENERATORS
SDAS235 – D2661, DECEMBER 1982 – REVISED NOVEMBER 1985
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
7
switching characteristics (see Note 1)
VCC = 4.5 V to 5.5 V,
CL =50 pF
CL = 50 pF,
RL = 500 Ω
PARAMETER
FROM
TO
RL = 500 Ω,
T
MIN t MAX
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
TA = MIN to MAX
UNIT
(INPUT)
(OUTPUT)
SN54AS882A
SN74AS882A
MIN
MAX
MIN
MAX
tPLH
C
Any output
2
10
2
9
tPHL
Cn
Any output
3
15
3
14
tPLH
PorG
C+ 8
2
8
2
7
tPHL
P or G
Cn + 8
2
8
2
7
tPLH
PorG
C+ 16
2
8
2
7
ns
tPHL
P or G
Cn + 16
2
8
2
7
tPLH
PorG
C+ 24
2
8
2
7
tPHL
P or G
Cn + 24
2
11
2
10
tPLH
PorG
Cn +32
1.5
9
2
8
tPHL
P or G
Cn + 32
2
13
2
12
NOTE 1: Load circuits and voltage waveforms are shown in Section 1.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com