Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPR805DB Datasheet(PDF) 2 Page - Lite-On Technology Corporation

Part # STPR805DB
Description  SUPER FAST GLASS PASSIVATED RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

STPR805DB Datasheet(HTML) 2 Page - Lite-On Technology Corporation

  STPR805DB Datasheet HTML 1Page - Lite-On Technology Corporation STPR805DB Datasheet HTML 2Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING AND CHARACTERISTIC CURVES
STPR805DB thru STPR820DB
FIG.2 - MAXIMUM NON-REPETITIVE SURGE CURRENT
NUMBER OF CYCLES AT 60Hz
1
5
10
50
100
2
20
0
25
50
75
100
125
150
FIG.1 - FORWARD CURRENT DERATING CURVE
25
75
100
125
150
2
0
50
8
CASE TEMPERATURE , C
8.3ms Single Half-Sine-Wave
(JEDEC METHOD)
6
0
4
RESISTIVE OR INDUCTIVE LOAD
INSTANTANEOUS FORWARD VOLTAGE , VOLTS
FIG.4 - TYPICAL FORWARD CHARACTERISTICS
0.2
0.4
1.2
1.4
1.0
10
100
0.6
0.8
1.0
0.1
1.8
1.6
INSTANTANEOUS FORWARD VOLTAGE , VOLTS
FIG.4 - TYPICAL FORWARD CHARACTERISTICS
0
1.0
10
100
0.1
PULSE WIDTH 300us
2% Duty cycle
TJ = 25 C
10
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
FIG.3 - TYPICAL REVERSE CHARACTERISTICS
20
40
120
140
0
0.001
0.1
1.0
100.0
10.0
60
80
100
TJ = 100 C
0.01
TJ = 25 C
FIG.5 - TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE , VOLTS
10
1
100
1000
100
10
0.1
0
FREE AMBIENT TA
WITH HEATSINK TC
TJ = 125 C
TJ = 150 C
4
TJ = 25 C, f= 1MHz
REV. 3, 13-Sep-2001, KTGA03



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com