Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPR810DB Datasheet(PDF) 1 Page - Lite-On Technology Corporation

Part # STPR810DB
Description  SUPER FAST GLASS PASSIVATED RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

STPR810DB Datasheet(HTML) 1 Page - Lite-On Technology Corporation

  STPR810DB Datasheet HTML 1Page - Lite-On Technology Corporation STPR810DB Datasheet HTML 2Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
STPR805DB thru 820DB
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%
FEATURES
Glass passivated chip
Superfast switching time for high efficiency
Low forward voltage drop and high current capability
Low reverse leakage current
High surge capacity
Plastic package has UL flammability classification
94V-0
MECHANICAL DATA
Case : TO-220AC molded plastic
Polarity : As marked on the body
Weight : 0.08 ounces, 2.24 grams
Mounting position : Any
VRMS
VDC
VRRM
I(AV)
IFSM
VF
Maximum Average Forward
Rectified Current
@TC
=125 C
Peak Forward Surge Current
8.3ms single half-sine-wave
superimposed on rated load (JEDEC Metod)
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Forward
Voltage
IF
=8A
8
100
C
TJ ,TSTG
Operating and Storage Temperature Range
-55 to +150
Typical Thermal Resistance (Note 3)
R0JC
3.0
C/W
CJ
Typical Junction
Capacitance (Note 1)
45
pF
IR
@TJ =100 C
Maximum DC Reverse Current
at Peak Reverse Voltage
@TJ =25 C
10
500
uA
V
A
A
V
UNIT
V
V
CHARACTERISTICS
SYMBOL
Maximum Reverse Recovery Time (Note 2)
TRR
25
ns
0.8
1.3
STPR805DB
50
35
50
@TJ =150 C
@TJ =25 C
STPR810DB
100
70
100
STPR815DB
150
105
150
STPR820DB
200
140
200
NOTES :1.Measured at 1.0MHz and applied reverse voltage of 4.0V DC.
2.Reverse Recovery Test Conditions:IF=0.5A,IR=1.0A ,IRR 0.25A.
3.Thermal Resistance Junction to Case.
TO-220AC
All Dimensions in millimeter
TO-220AC
DIM.
MIN.
MAX.
A
C
D
E
F
G
H
B
14.22
15.88
10.67
9.65
2.54
3.43
6.86
5.84
8.26
9.28
-
6.35
12.70
14.73
0.51
5.33
N
M
L
K
J
I
1.14
4.83
0.64
0.30
3.53
4.09
3.56
4.83
1.14
1.40
2.92
2.03
A
B
C
K
J
I
G
F
E
D
N
M
L
H
PIN 1
PIN 2
CASE
PIN
12
SUPER FAST
GLASS PASSIVATED RECTIFIERS
REVERSE VOLTAGE - 50 to 200 Volts
FORWARD CURRENT - 8.0 Amperes
SEMICONDUCTOR
LITE-ON
REV. 3, 13-Sep-2001, KTGA03


Similar Part No. - STPR810DB

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
STPR810DB DIODES-STPR810DB Datasheet
64Kb / 2P
8.0A SUPER-FAST GLASS PASSIVATED RECTIFIER
DS14007 Rev. C-2
logo
Sirectifier Semiconduct...
STPR810DB SIRECTIFIER-STPR810DB Datasheet
76Kb / 2P
Ultra Fast Recovery Diodes
logo
Sirectifier Global Corp...
STPR810DB SIRECT-STPR810DB Datasheet
79Kb / 2P
Ultra Fast Recovery Diodes
More results

Similar Description - STPR810DB

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
STPR2010CT LITEON-STPR2010CT Datasheet
40Kb / 2P
SUPER FAST GLASS PASSIVATED RECTIFIERS
logo
Silicon Standard Corp.
MUR805CT SSC-MUR805CT Datasheet
308Kb / 2P
GLASS PASSIVATED SUPER FAST RECTIFIERS
logo
SeCoS Halbleitertechnol...
SF11G SECOS-SF11G_15 Datasheet
152Kb / 2P
Glass Passivated Super Fast Rectifiers
logo
Taiwan Semiconductor Co...
SF11G TSC-SF11G_14 Datasheet
377Kb / 4P
Glass Passivated Super Fast Rectifiers
SF11SG TSC-SF11SG_14 Datasheet
374Kb / 3P
Glass Passivated Super Fast Rectifiers
SF31G TSC-SF31G_14 Datasheet
378Kb / 4P
Glass Passivated Super Fast Rectifiers
SF1001G TSC-SF1001G_14 Datasheet
386Kb / 4P
Glass Passivated Super Fast Rectifiers
logo
HY ELECTRONIC CORP.
SF11G HY-SF11G_17 Datasheet
134Kb / 3P
SUPER FAST GLASS PASSIVATED RECTIFIERS
logo
Microdiode Semiconducto...
SF501ET CHENDA-SF501ET Datasheet
1Mb / 4P
SUPER FAST GLASS PASSIVATED RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com