Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPR1515D Datasheet(PDF) 1 Page - Lite-On Technology Corporation

Part # STPR1515D
Description  SUPER FAST GLASS PASSIVATED RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

STPR1515D Datasheet(HTML) 1 Page - Lite-On Technology Corporation

  STPR1515D Datasheet HTML 1Page - Lite-On Technology Corporation STPR1515D Datasheet HTML 2Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
STPR1505D thru 1520D
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%
FEATURES
Glass passivated chip
Superfast switching time for high efficiency
Low forward voltage drop and high current capability
Low reverse leakage current
High surge capacity
Plastic package has UL flammability classification
94V-0
MECHANICAL DATA
Case : TO-220AC molded plastic
Polarity : As marked on the body
Weight : 0.08 ounces, 2.24 grams
Mounting position : Any
VRMS
VDC
VRRM
I(AV)
IFSM
VF
Maximum Average Forward
Rectified Current
@TC
=115 C
Peak Forward Surge Current
8.3ms single half-sine-wave
superimposed on rated load (JEDEC METHOD)
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Forward Voltage
IF= 15A (Note 1)
15
150
C
TJ ,TSTG
Operating and Storage Temperature Range
-55 to +150
Typical Thermal Resistance (Note 3)
R0JC
2.0
C/W
CJ
Typical Junction
Capacitance
160
pF
IR
@TJ =100 C
Maximum DC Reverse Current
at Peak Reverse Voltage (Note 1)
@TJ =25 C
50
1000
uA
V
A
A
V
UNIT
V
V
CHARACTERISTICS
SYMBOL
Maximum Reverse Recovery Time (Note 2)
TRR
30
ns
1.20
1.25
STPR1505D
50
35
50
@TJ =125 C
@TJ =25 C
VR
=4V, f=1MHz
STPR1510D
100
70
100
STPR1515D
150
105
150
STPR1520D
200
140
200
NOTES : 1.Pulse Test :Pulse Width=300us,Duty Cycle.
2.Reverse Recovery Test Conditions:IF=0.5A,IR=1.0A,IRR 0.25A.
3.Thermal Resistance Junction to Case.
TO-220AC
All Dimensions in millimeter
TO-220AC
DIM.
MIN.
MAX.
A
C
D
E
F
G
H
B
14.22
15.88
10.67
9.65
2.54
3.43
6.86
5.84
8.26
9.28
-
6.35
12.70
14.73
0.51
5.33
N
M
L
K
J
I
1.14
4.83
0.64
0.30
3.53
4.09
3.56
4.83
1.14
1.40
2.92
2.03
A
B
C
K
J
I
G
F
E
D
N
M
L
H
PIN 1
PIN 2
CASE
PIN
12
SUPER FAST
GLASS PASSIVATED RECTIFIERS
REVERSE VOLTAGE - 50 to 200 Volts
FORWARD CURRENT - 15 Amperes
SEMICONDUCTOR
LITE-ON
REV. 3, 13-Sep-2001, KTGA06


Similar Part No. - STPR1515D

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
STPR1515D DIODES-STPR1515D Datasheet
64Kb / 2P
15A SUPER-FAST GLASS PASSIVATED RECTIFIER
DS14006 Rev. E-2
logo
Sirectifier Semiconduct...
STPR1515D SIRECTIFIER-STPR1515D Datasheet
75Kb / 2P
Ultra Fast Recovery Diodes
logo
Sirectifier Global Corp...
STPR1515D SIRECT-STPR1515D Datasheet
79Kb / 2P
Ultra Fast Recovery Diodes
More results

Similar Description - STPR1515D

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
STPR805DB LITEON-STPR805DB Datasheet
37Kb / 2P
SUPER FAST GLASS PASSIVATED RECTIFIERS
STPR2010CT LITEON-STPR2010CT Datasheet
40Kb / 2P
SUPER FAST GLASS PASSIVATED RECTIFIERS
logo
Silicon Standard Corp.
MUR805CT SSC-MUR805CT Datasheet
308Kb / 2P
GLASS PASSIVATED SUPER FAST RECTIFIERS
logo
SeCoS Halbleitertechnol...
SF11G SECOS-SF11G_15 Datasheet
152Kb / 2P
Glass Passivated Super Fast Rectifiers
logo
Taiwan Semiconductor Co...
SF11G TSC-SF11G_14 Datasheet
377Kb / 4P
Glass Passivated Super Fast Rectifiers
SF11SG TSC-SF11SG_14 Datasheet
374Kb / 3P
Glass Passivated Super Fast Rectifiers
SF31G TSC-SF31G_14 Datasheet
378Kb / 4P
Glass Passivated Super Fast Rectifiers
SF1001G TSC-SF1001G_14 Datasheet
386Kb / 4P
Glass Passivated Super Fast Rectifiers
logo
HY ELECTRONIC CORP.
SF11G HY-SF11G_17 Datasheet
134Kb / 3P
SUPER FAST GLASS PASSIVATED RECTIFIERS
logo
Microdiode Semiconducto...
SF501ET CHENDA-SF501ET Datasheet
1Mb / 4P
SUPER FAST GLASS PASSIVATED RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com