Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS7221 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TS7221
Description  SINGLE BiCMOS RAIL TO RAIL uPOWER COMPARATOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS7221 Datasheet(HTML) 3 Page - STMicroelectronics

  TS7221 Datasheet HTML 1Page - STMicroelectronics TS7221 Datasheet HTML 2Page - STMicroelectronics TS7221 Datasheet HTML 3Page - STMicroelectronics TS7221 Datasheet HTML 4Page - STMicroelectronics TS7221 Datasheet HTML 5Page - STMicroelectronics TS7221 Datasheet HTML 6Page - STMicroelectronics TS7221 Datasheet HTML 7Page - STMicroelectronics TS7221 Datasheet HTML 8Page - STMicroelectronics TS7221 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
TS7221
3/9
ELECTRICAL CHARACTERISTICS
VCC
+ = 2.7V, T
AMB = 25°C (unless otherwise specified)
Symbol
Parameter
Min.
Typ.
Max.
Unit
VIO
Input Offset Voltage (Full common mode range)
TS7221A
TMIN ≤ TAMB ≤ TMAX
TS7221B
TMIN ≤ TAMB ≤ TMAX
7
10
15
18
mV
∆V
IO
Input Offset Voltage Drift with temperature
6
µV/oC
IIB
Input Bias Current 1)
TMIN ≤ TAMB ≤ TMAX
1
300
600
pA
IIO
Input Offset Current 1)
TMIN ≤ TAMB ≤ TMAX
1
150
300
pA
CMRR
Common-mode Rejection Ratio (0 < Vicm < 2.7V)
65
dB
PSRR
Power Supply Rejection Ratio (2.7 < VCC < 10V)
80
dB
AVD
Voltage Gain 2)
240
dB
VICM
Input Common Mode Voltage Range (upper rail)
TMIN ≤ TAMB ≤ TMAX
3
2.7
V
Input Common Mode Voltage Range (lower rail)
TMIN ≤ TAMB ≤ TMAX
-0.3
0.0
IOH
High Level Output Voltage (IN+=0.5V, IN-=0V & OUT=10V)
0.1
500
nA
VOL
Low Level Output Voltage - Isink = 2.5mA
TMIN ≤ TAMB ≤ TMAX
0.2
0.35
0.45
V
ICC
Supply Current
Output low
Output high
6
8
12
14
µA
TPLH
Response Time Low to High (Vic = 1.35V, CL = 50pF, RL=10kΩ )
Overdrive = 10mV
Overdrive = 100mV
1.5
0.6
µs
TPHL
Response Time High to Low (Vic = 1.35V, CL = 50pF, RL=10kΩ )
Overdrive = 10mV
Overdrive = 100mV
1.5
0.5
µs
TF
Fall Time (CL = 50pF, RL=5kΩ )
Overdrive = 10mV
0.3
µs
TR
Rise Time (CL = 50pF, RL=5kΩ )
Overdrive = 10mV
0.3
µs
1) Maximum values include unavoidable inaccurates of the industrial test.
2) Design evaluation.
3) Limits are 100% production tested at +25°C. Limits over temperature are guaranteed through correlation and by design.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com