Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WR06X4R7_PQL Datasheet(PDF) 2 Page - WALSIN TECHNOLOGY CORPORATION

Part # WR06X4R7_PQL
Description  Thick Film General Purpose Chip Resistors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

WR06X4R7_PQL Datasheet(HTML) 2 Page - WALSIN TECHNOLOGY CORPORATION

  WR06X4R7_PQL Datasheet HTML 1Page - WALSIN TECHNOLOGY CORPORATION WR06X4R7_PQL Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION WR06X4R7_PQL Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION WR06X4R7_PQL Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION WR06X4R7_PQL Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION WR06X4R7_PQL Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION WR06X4R7_PQL Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION WR06X4R7_PQL Datasheet HTML 8Page - WALSIN TECHNOLOGY CORPORATION WR06X4R7_PQL Datasheet HTML 9Page - WALSIN TECHNOLOGY CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Approval sheet
Page 2 of 10
ASC_WR_V24
SEP 2016
FEATURE
1.
High reliability and stability
2.
Reduced size of final equipment
3.
Lower assembly costs
4.
Higher component and equipment reliability
5. RoHS 2 compliant and Halogen free products
APPLICATION
Consumer electrical equipment
EDP, Computer application
Telecom application
DESCRIPTION
The resistors are constructed in a high grade ceramic body (aluminum oxide). Internal metal electrodes are
added at each end and connected by a resistive paste that is applied to the top surface of the substrate. The
composition of the paste is adjusted to give the approximate resistance required and the value is trimmed to
within tolerance by laser cutting of this resistive layer.
The resistive layer is covered with a protective coat. Finally, the two external end terminations are added. For
ease of soldering the outer layer of these end terminations is a Tin (lead free) alloy.
Fig 1. Construction of Chip-R



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com