Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KFDIP2004L19T Datasheet(PDF) 1 Page - WALSIN TECHNOLOGY CORPORATION

Part # KFDIP2004L19T
Description  Low Profile Thickness
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

KFDIP2004L19T Datasheet(HTML) 1 Page - WALSIN TECHNOLOGY CORPORATION

  KFDIP2004L19T Datasheet HTML 1Page - WALSIN TECHNOLOGY CORPORATION KFDIP2004L19T Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION KFDIP2004L19T Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Preliminary Product Information
Page 1 of 3
PI_KFDIP2004L19T _V03
Nov. 2016
LTCC Multi Layer Ceramic Diplexer- 2012 (0805) size
–
KFDIP2004L19T
FEATURES
Miniature footprint: 2.0 X 1.25 X 0.4 mm
3.
LTCC Process
Low Profile Thickness
Low Insertion Loss
High Rejection
RoHS Compliance
Halogens Free Product
APPLICATIONS
2400 ~ 2500 MHz and 4900 ~ 5950 MHz working frequency
ELECTRICAL CHARACTERISTICS
Item
Specification
Frequency Range
2400 ~ 2500 MHz
4900 ~ 5950 MHz
Insertion Loss
0.6 dB max.
1.0 dB max.
Attenuation
15 dB min. @ 3600 MHz
25 dB min. @ 4800 ~ 5000 MHz
20 dB min. @ 7200 ~ 7500 MHz
20 dB min. @ 824 ~ 915 MHz
18 dB min. @ 1800 ~ 2500 MHz
14 dB min. @ 3000 ~ 3900 MHz
20 dB min. @ 9800 ~ 11900 MHz
20 dB min. @ 14700 ~ 17850 MHz
Isolation
20 dB min. @ DC ~ 2500 MHz
20 dB min. @ 4900 ~ 5950 MHz
VSWR
2.0 max.
Impedance
50Ω
Taping Quantity
: 2
000pcs per 7” reel
Operating Temperature Range
: -40 ~ +85℃
Storage Temperature Range
: -40 ~ +85℃
Humidity
: 30 to 70% relative humidity
Moisture sensitivity levels
: LEVEL 1 (Refer to : IPC/JEDEC J-STD-020)


Similar Part No. - KFDIP2004L19T

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
KFD0-CC-1 PF-KFD0-CC-1 Datasheet
872Kb / 4P
Current/Voltage Converter
KFD0-CC-EX1 PF-KFD0-CC-EX1 Datasheet
979Kb / 4P
Current/Voltage Converter
KFD0-CS-1.50 PF-KFD0-CS-1.50 Datasheet
784Kb / 3P
Repeater
KFD0-CS-2.50 PF-KFD0-CS-2.50 Datasheet
695Kb / 3P
Repeater
KFD0-CS-2.51P PF-KFD0-CS-2.51P Datasheet
311Kb / 4P
Current Driver/Repeater
More results

Similar Description - KFDIP2004L19T

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SSSS8 ALPS-SSSS8_15 Datasheet
996Kb / 5P
A low-profile slide switch with 1.4mm thickness
logo
Taoglas antenna solutio...
PC240.09.0300K TAOGLAS-PC240.09.0300K Datasheet
935Kb / 15P
Low profile-only 3mm in thickness
logo
WALSIN TECHNOLOGY CORPO...
AMDIP2004L157B1U WALSIN-AMDIP2004L157B1U Datasheet
585Kb / 6P
Low Profile Thickness
AMDIP2004L167B1U WALSIN-AMDIP2004L167B1U Datasheet
585Kb / 6P
Low Profile Thickness
AMDIP2012050LP7B1U WALSIN-AMDIP2012050LP7B1U Datasheet
579Kb / 6P
Low Profile Thickness
AMLPF16082G5WM0T29 WALSIN-AMLPF16082G5WM0T29 Datasheet
576Kb / 6P
Low Profile Thickness
KFBPF2012100C67B1U WALSIN-KFBPF2012100C67B1U Datasheet
606Kb / 7P
Low Profile Thickness
RFBPB2012090AY7N3T WALSIN-RFBPB2012090AY7N3T Datasheet
196Kb / 3P
Low Profile Thickness
RFBPB2012090AYT WALSIN-RFBPB2012090AYT Datasheet
196Kb / 3P
Low Profile Thickness
RFBPF2012090A0T WALSIN-RFBPF2012090A0T Datasheet
587Kb / 7P
Low Profile Thickness
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com