Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WTCF2012 Datasheet(PDF) 2 Page - WALSIN TECHNOLOGY CORPORATION

Part # WTCF2012
Description  Wire wound type common mode choke
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

WTCF2012 Datasheet(HTML) 2 Page - WALSIN TECHNOLOGY CORPORATION

  WTCF2012 Datasheet HTML 1Page - WALSIN TECHNOLOGY CORPORATION WTCF2012 Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION WTCF2012 Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION WTCF2012 Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION WTCF2012 Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION WTCF2012 Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Page 2 of 6
ASC_WTCF2012 Series_V5.0
Nov. Y2017
Features
1. Wire wound type common mode choke.
2. Excellent solderability.
Applications
1. USB line for personal computers and peripheral.
2. USB 2.0、IEEE1394、LVDS.
Shape and Dimension
Unit: mm
SERIES
M1
M2
M3
M4
WTCF2012
2.0±
±±
±0.2
1.20±
±±
±0.2
1.20±
±±
±0.2
0.40(TYP.)
Ordering Information
WT
CF
2012
Z0
M
670
P
B
Product
Code
Series
Dimensions
Series
extension
Tolerance
Value
Packing Code
WT:
Transformer
/Balun
/Common
Mode Choke
COMMON
MODE
CHOKE
2.0 * 1.2 mm
Z0:STD
M:
± 20%
670 = 67OHM
101 = 100OHM
P=7” Reeled
(Embossed tape)
B:STD



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com