Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WW25RR010JTL Datasheet(PDF) 6 Page - WALSIN TECHNOLOGY CORPORATION

Part # WW25RR010JTL
Description  Metal Plate Low Ohm Power Chip Resistors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

WW25RR010JTL Datasheet(HTML) 6 Page - WALSIN TECHNOLOGY CORPORATION

  WW25RR010JTL Datasheet HTML 1Page - WALSIN TECHNOLOGY CORPORATION WW25RR010JTL Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION WW25RR010JTL Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION WW25RR010JTL Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION WW25RR010JTL Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION WW25RR010JTL Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION WW25RR010JTL Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION WW25RR010JTL Datasheet HTML 8Page - WALSIN TECHNOLOGY CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Approval sheet
Page 6 of 7
ASC_WW25R_V09
MAY -2015
TEST AND REQUIREMENTS(JIS C 5201-1 : 1998)
Essentially all tests are carried out according to the schedule of IEC publication 115-8, category
LCT/UCT/56(rated temperature range : Lower Category Temperature, Upper Category Temperature; damp
heat, long term, 56 days). The testing also meets the requirements specified by EIA, EIAJ and JIS.
The tests are carried out in accordance with IEC publication 68, "Recommended basic climatic and mechanical
robustness testing procedure for electronic components" and under standard atmospheric conditions according
to IEC 60068-1, subclause 5.3. Unless otherwise specified, the following value supplied :
Temperature: 15°C to 35°C.
Relative humidity: 45% to 75%.
Air pressure: 86kPa to 106 kPa (860 mbar to 1060 mbar).
All soldering tests are performed with midly activated flux.
TEST
PROCEDURE
REQUIREMENT
Dimension
Resistance
Clause 4.4.2
The resistance should be
within specified tolerance per
resistance value!
Temperature Coefficient of
Resistance(T.C.R)
Clause 4.8
Natural resistance change per change in degree centigrade.
(
)
6
1
2
1
1
2
10
×
−
−
t
t
R
R
R
(ppm/
°C) t1 : 20°C+5°C-1°C
R1 : Resistance at reference temperature
R2 : Resistance at test temperature
Refer to
“QUICK REFERENCE DATA”
Short time overload (S.T.O.L)
Clause 4.13
Permanent resistance change after a 2 second application of a
voltage 2.5 times RCWC or the maximum operation current
specified in the above list, whichever is less.
no visible damage
∆R/R max. ±(1%+0.0001Ω)
Resistance to soldering
heat(R.S.H)
IEC 60068-2-58: 2004
Un-mounted chips completely immersed for 10±0.5 second in a
SAC solder bath at 260℃±5ºC
no visible damage
∆R/R max. ±(1%+0.0001Ω)
Solderability
IEC 60068-2-58: 2004
Un-mounted chips completely immersed for 2±0.5 second in a
SAC solder bath at 235℃±5℃
good tinning (>95% covered)
no visible damage
WW25R
0.5



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com