Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WW25RR010FTLJ Datasheet(PDF) 1 Page - WALSIN TECHNOLOGY CORPORATION

Part # WW25RR010FTLJ
Description  Metal plate low ohm power chip resistors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

WW25RR010FTLJ Datasheet(HTML) 1 Page - WALSIN TECHNOLOGY CORPORATION

  WW25RR010FTLJ Datasheet HTML 1Page - WALSIN TECHNOLOGY CORPORATION WW25RR010FTLJ Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION WW25RR010FTLJ Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION WW25RR010FTLJ Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION WW25RR010FTLJ Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION WW25RR010FTLJ Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION WW25RR010FTLJ Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION WW25RR010FTLJ Datasheet HTML 8Page - WALSIN TECHNOLOGY CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Approval sheet
Page 1 of 7
ASC_WW25R_J_AUTO_V01
JULY -2015
WW25R
±±±±1%, ±±±±5%, 2W
Metal plate low ohm power chip resistors
Size 2512 (6432)
Current Sensing Type
Automotive AEC Q200 compliant
*Contents in this sheet are subject to change without prior notice.


Similar Part No. - WW25RR010FTLJ

ManufacturerPart #DatasheetDescription
logo
WALSIN TECHNOLOGY CORPO...
WW25RR010FTL WALSIN-WW25RR010FTL Datasheet
246Kb / 8P
Metal Plate Low Ohm Power Chip Resistors
More results

Similar Description - WW25RR010FTLJ

ManufacturerPart #DatasheetDescription
logo
RCD COMPONENTS INC.
LOR3E-R010-D RCD-LOR3E-R010-D Datasheet
45Kb / 1P
PRECISION LOW-OHM METAL PLATE RESISTORS
logo
WALSIN TECHNOLOGY CORPO...
WW08K WALSIN-WW08K Datasheet
192Kb / 7P
Metal Ultra low ohm power chip resistors
WW12J WALSIN-WW12J Datasheet
488Kb / 7P
Metal Ultra low ohm power chip resistors
WW12K WALSIN-WW12K Datasheet
505Kb / 7P
Metal Ultra low ohm power chip resistors
WW12R WALSIN-WW12R Datasheet
749Kb / 11P
Metal Low Ohm Power Chip Resistors
WW12R_V WALSIN-WW12R_V Datasheet
583Kb / 9P
Metal low ohm power chip resistors
WW25M WALSIN-WW25M Datasheet
199Kb / 7P
Metal Plate Low Ohm Power Chip Resistors
WW25Q WALSIN-WW25Q Datasheet
238Kb / 8P
Metal plate low ohm power chip resistors
WW25R WALSIN-WW25R Datasheet
246Kb / 8P
Metal Plate Low Ohm Power Chip Resistors
logo
List of Unclassifed Man...
RLP-K-HTS-0001-9 ETC-RLP-K-HTS-0001-9 Datasheet
238Kb / 20P
METAL-PLATE CHIP RESISTOR; LOW OHM
2015.12.25
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com