Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WW10PR100JTLJ Datasheet(PDF) 2 Page - WALSIN TECHNOLOGY CORPORATION

Part # WW10PR100JTLJ
Description  Thick Film High Power Current Sensing Chip Resistors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

WW10PR100JTLJ Datasheet(HTML) 2 Page - WALSIN TECHNOLOGY CORPORATION

  WW10PR100JTLJ Datasheet HTML 1Page - WALSIN TECHNOLOGY CORPORATION WW10PR100JTLJ Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION WW10PR100JTLJ Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION WW10PR100JTLJ Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION WW10PR100JTLJ Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION WW10PR100JTLJ Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION WW10PR100JTLJ Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION WW10PR100JTLJ Datasheet HTML 8Page - WALSIN TECHNOLOGY CORPORATION WW10PR100JTLJ Datasheet HTML 9Page - WALSIN TECHNOLOGY CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Approval sheet
Page 2 of 8
ASC_WWxxP_J_AUTO_2016_V01
FEB - 2016
FEATURE
1.
High power rating and compact size
2.
Automotive AEC Q-200 Compliant
3.
100% CCD Visual inspection
4.
RoHS compliant and Lead free products
APPLICATION
Power supply
PDA
Digital meter
Computer
Automotives
Battery charger
DC-DC power converter
DESCRIPTION
The resistors are constructed in a high grade ceramic body (aluminum oxide). Internal metal electrodes are
added at each end and connected by a resistive paste that is applied to the top surface of the substrate. The
composition of the paste is adjusted to give the approximate resistance required and the value is trimmed to
nominated value within tolerance which controlled by laser trimming of this resistive layer.
The resistive layer is covered with a protective coat. Finally, the two external end terminations are added. For
ease of soldering the outer layer of these end terminations is a lead free tin alloy.
Fig 1. Construction of Chip-R



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com