Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BUS13 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # BUS13
Description  isc Silicon NPN Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BUS13 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  BUS13 Datasheet HTML 1Page - Inchange Semiconductor Company Limited BUS13 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
isc website:www.iscsemi.com
isc & iscsemi is registered trademark
2
isc Silicon NPN Power Transistor
BUS13
ELECTRICAL CHARACTERISTICS
TC=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX UNIT
VCEO(SUS)
Collector-Emitter Sustaining Voltage
IC=50mA ; IB= 0
400
V
VCE(sat)
Collector-Emitter Saturation Voltage
IC= 8A; IB= 1.6A
1.5
V
VBE(sat)
Base-Emitter Saturation Voltage
IC= 8A; IB= 1.6A
1.6
V
ICES
Collector Cutoff Current
VCE=VCESMmax; VBE= 0
VCE= VCESMmax;VBE= 0;TC= 125℃
1
4
mA
IEBO
Emitter Cutoff Current
VEB= 9V; IC= 0
10
mA
hFE
DC Current Gain
IC= 2A ; VCE= 5V
15
50
Switching Times
ton
Turn-on Time
IC= 8A;IB1= -IB2= 1.6A
1.0
μ
s
ts
Storage Time
4.0
μ
s
tf
Fall Time
0.8
μ
s
NOTICE:
ISC reserves the rights to make changes of the content herein the datasheet at any time without
notification. The information contained herein is presented only as a guide for the applications of
our products.
ISC products are intended for usage in general electronic equipment. The products are not designed
for use in equipment which require specialized quality and/or reliability, or in equipment which
could have applications in hazardous environments, aerospace industry, or medical field. Please
contact us if you intend our products to be used in these special applications.
ISC makes no warranty or guarantee regarding the suitability of its products for any particular
purpose, nor does ISC assume any liability arising from the application or use of any products, and
specifically disclaims any and all liability, including without limitation special, consequential or
incidental damages.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com