Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP142 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # TIP142
Description  isc Silicon NPN Darlington Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

TIP142 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  TIP142 Datasheet HTML 1Page - Inchange Semiconductor Company Limited TIP142 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
isc website:www.iscsemi.com
isc & iscsemi is registered trademark
isc Silicon NPN Darlington Power Transistor
TIP142
DESCRIPTION
·
High DC Current Gain-
: hFE = 1000(Min)@ IC= 5A
·
Collector-Emitter Sustaining Voltage-
: VCEO(SUS) = 100V(Min)
·
Complement to Type TIP147
·
Minimum Lot-to-Lot variations for robust device
performance and reliable operation
APPLICATIONS
·
Designed for general purpose amplifier and low
frequency switching applications.
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VCBO
Collector-Base Voltage
100
V
VCEO
Collector-Emitter Voltage
100
V
VEBO
Emitter-Base Voltage
5
V
IC
Collector Current-Continuous
10
A
ICM
Collector Current-Peak
15
A
IB
Base Current- Continuous
0.5
A
PC
Collector Power Dissipation
@TC=25℃
125
W
Tj
Junction Temperature
150
℃
Tstg
Storage Temperature Range
-65~150
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX UNIT
Rth j-c
Thermal Resistance, Junction to Case
1.0
℃
/W
Rth j-a
Thermal Resistance,Junction to Ambient
35.7
℃
/W


Similar Part No. - TIP142

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
TIP142 MOSPEC-TIP142 Datasheet
204Kb / 4P
POWER TRANSISTORS(10A,60-100V,125W)
logo
Motorola, Inc
TIP142 MOTOROLA-TIP142 Datasheet
234Kb / 6P
10 AMPERE DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP142 ONSEMI-TIP142 Datasheet
217Kb / 6P
DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS
1996 REV 1
logo
Power Innovations Ltd
TIP142 POINN-TIP142 Datasheet
139Kb / 6P
NPN SILICON POWER DARLINGTONS
logo
STMicroelectronics
TIP142 STMICROELECTRONICS-TIP142 Datasheet
48Kb / 4P
COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
Mar-2000
More results

Similar Description - TIP142

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SD560 ISC-2SD560 Datasheet
141Kb / 3P
isc Silicon NPN Darlington Power Transistor
TIP130 ISC-TIP130 Datasheet
105Kb / 2P
isc Silicon NPN Darlington Power Transistor
MJ11020 ISC-MJ11020 Datasheet
81Kb / 2P
isc Silicon NPN Darlington Power Transistor
MJ11012 ISC-MJ11012 Datasheet
51Kb / 2P
isc Silicon NPN Darlington Power Transistor
MJ11016 ISC-MJ11016 Datasheet
51Kb / 2P
isc Silicon NPN Darlington Power Transistor
MJ11032 ISC-MJ11032 Datasheet
51Kb / 2P
isc Silicon NPN Darlington Power Transistor
2SD1027 ISC-2SD1027 Datasheet
103Kb / 2P
isc Silicon NPN Darlington Power Transistor
2SD1126 ISC-2SD1126 Datasheet
249Kb / 2P
isc Silicon NPN Darlington Power Transistor
2SD1190 ISC-2SD1190 Datasheet
250Kb / 2P
isc Silicon NPN Darlington Power Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com