Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISC3A70W Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # ISC3A70W
Description  isc Triacs
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

ISC3A70W Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  ISC3A70W Datasheet HTML 1Page - Inchange Semiconductor Company Limited ISC3A70W Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
isc website:www.iscsemi.com
isc & iscsemi is registered trademark
1
isc Triacs
ISC3A70W
FEATURES
·
With ITO-247 insulated package.
·
is suitable for general purpose AC switching and voltage regulation,
and can be used in static relays, heating regulation, induction motor
stating circuits.
·
Minimum Lot-to-Lot variations for robust device performance and
reliable operation.
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
MIN
UNIT
VDRM
Repetitive peak off-state voltage
1200
V
VRRM
Repetitive peak reverse voltage
1200
V
IT(RMS)
RMS on-state current @ TC=70℃
80
A
ITSM
Non-repetitive peak on-state current @ tp=20ms
800
A
Tj
Operating junction temperature
-45~125
℃
Tstg
Storage temperature
-45~150
℃
PG(AV)
Average gate power dissipation(Tj=125℃)
2
W
Rth(j-c)
Thermal resistance, junction to case
0.35
℃
/W
ELECTRICAL CHARACTERISTICS (TC=25℃ unless otherwise specified)
SYMBOL
PARAMETER
CONDITIONS
MAX
UNIT
IRRM
Repetitive peak reverse current
VR=VRRM,
VR=VRRM, Tj=125℃
0.02
10
mA
IDRM
Repetitive peak off-state current
VD=VDRM,
VD=VDRM, Tj=125℃
0.02
10
mA
IGT
Gate trigger current
Ⅰ
VD=12V; RL= 33Ω
50
mA
Ⅱ
50
Ⅲ
50
IH
Holding current
IGT= 0.1A
80
mA
VGT
Gate trigger voltage all quadrant VD=12V; RL= 33Ω
1.3
V
VTM
On-state voltage
IT= 120A; tp= 380μs
1.6
V


Similar Part No. - ISC3A70W

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ISC300 BURR-BROWN-ISC300 Datasheet
100Kb / 11P
Universal Precision Isolated MEASUREMENT CHANNEL
logo
Infineon Technologies A...
ISC320N12LM6 INFINEON-ISC320N12LM6 Datasheet
1Mb / 11P
MOSFET OptiMOSTM 6 Power-Transistor, 120 V
Rev. 2.0, 2023-10-11
ISC320N12LM6ATMA1 INFINEON-ISC320N12LM6ATMA1 Datasheet
1Mb / 11P
MOSFET OptiMOSTM 6 Power-Transistor, 120 V
Rev. 2.0, 2023-10-11
logo
Isahaya Electronics Cor...
ISC3242AS1 ISAHAYA-ISC3242AS1 Datasheet
240Kb / 4P
FOR LOW FREQUENCY POWOR AMPLIFY APPLICATION SILICON NPN EPITAXIAL TYPE
ISC3244AS1 ISAHAYA-ISC3244AS1 Datasheet
163Kb / 4P
FOR LOW FREQUENCY POWOR AMPLIFY APPLICATION SILICON NPN EPITAXIAL TYPE
More results

Similar Description - ISC3A70W

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
TIC225M ISC-TIC225M Datasheet
108Kb / 1P
isc Triacs
BTA10-600 ISC-BTA10-600 Datasheet
210Kb / 1P
isc Triacs
BTA12-600 ISC-BTA12-600 Datasheet
211Kb / 1P
isc Triacs
BTA20-600 ISC-BTA20-600 Datasheet
198Kb / 1P
isc Triacs
BTB04-600 ISC-BTB04-600 Datasheet
211Kb / 1P
isc Triacs
BT136 ISC-BT136 Datasheet
207Kb / 1P
isc Triacs
BTA12 ISC-BTA12 Datasheet
205Kb / 1P
isc Triacs
BTB06 ISC-BTB06 Datasheet
207Kb / 1P
isc Triacs
BTB10-800C ISC-BTB10-800C Datasheet
206Kb / 1P
isc Triacs
MAC218A10FP ISC-MAC218A10FP Datasheet
227Kb / 1P
isc Triacs
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com