Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLV_VH Datasheet(PDF) 4 Page - WALSIN TECHNOLOGY CORPORATION

Part # MLV_VH
Description  For ESD Protection at High Speed Application
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

MLV_VH Datasheet(HTML) 4 Page - WALSIN TECHNOLOGY CORPORATION

  MLV_VH Datasheet HTML 1Page - WALSIN TECHNOLOGY CORPORATION MLV_VH Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION MLV_VH Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION MLV_VH Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION MLV_VH Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION MLV_VH Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION MLV_VH Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION MLV_VH Datasheet HTML 8Page - WALSIN TECHNOLOGY CORPORATION MLV_VH Datasheet HTML 9Page - WALSIN TECHNOLOGY CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
Approval sheet
Page 4 of 7
ASC_VH0201 Green Series- V04
Aug.2018
Enviromental Reliability Test
Characteristic
Test method and description
High Temperature
Storage
The specimen shall subjected to 125 ± 2 ℃ for 1000 ± 12hours in a thermostatic bath without
load and then stored at room temperature and humidity for 1 to 2 hours.
The change of varistor voltage shall be within 10 %
Temperature Cycle
The temperature cycle of specified temperature
shall be repeated five times and then stored at
room temperature and humidity fir one or two
hours. The change of varistor voltage shall be
within 10 % and mechanical damage shall be
examined.
Step
Temperature
Period
1
-40 ± 3 ℃
30Min ±3
2
Room Temperature
1~2 hours
3
125 ± 2 ℃
30Min ±3
4
Room Temperature
1~2 hours
High Temperature
Load
After being continuously applied the maximum allowable voltage at 85 ± 2 ℃ for 1000 ±
2hours, the specimen shall be stored at room temperature and humidity for one or two hours.
The change of varistor voltage shall be within 10%
Damp Heat Load/
Humidity Load
The specimen should be subjected to 40 ± 2 ℃, 90 to 95 % RH environment, and the
maximum allowable voltage applied for 1000 hours, then stored at room temperature and
humidity for one or two hours. The change varistor voltage shall be within 10 %
Low Temperature
Storage
The specimen should be subjected to -40 ± 2 ℃, without load for 500 hours and then stored
at room temperature for one or two hours. The change of varistor voltage shall be within 10
%
SOLDERING CONDITION
1.
The IR reflow and temperature of Soldering for Pb free
IR reflow Pb Free Process suggestion profile
(1) The solder recommend is Sn96.5/Ag .5 of 120 to 150
μm
(2) Ramp-up rate (217℃ to Peak)+3℃/second max
(3) Temp. maintain at 175+/-25℃ 180 second max
(4) Temp. maintain above 217℃ 60-150 seconds
(5) Peak temperature range 245℃ +20℃/+10℃ time within 5℃ of actually peak temperature (tp) 10~20 seconds
(6) Ramp down rate +6℃/second max.
※Perform adequate test in advance as the reflow temperature profile will vary according to the conditions of the
manufacturing process, and the specification of the reflow furnace.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com