Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P8AX Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # P8AX
Description  Gas Tube Coaxial Surge Protector
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

P8AX Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  P8AX Datasheet HTML 1Page - List of Unclassifed Manufacturers P8AX Datasheet HTML 2Page - List of Unclassifed Manufacturers P8AX Datasheet HTML 3Page - List of Unclassifed Manufacturers P8AX Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Gas Tube Coaxial Surge Protector
P8AX Series - Dimensional Drawings
P8AX-TW-FF
Citel, Inc. 1515 N.W. 167th St, Suite 6-303
Miami, FL 33169 USA
(800) 248-3548
♦ Tel. (305) 621-0022 ♦ Fax (305) 621-0766
www.citelprotection.com
♦ citel@citelprotection.com
P8AX-NWSMA-FF
TNC Female to TNC Female
N Bulkhead Female to SMA Female
P8AX-E-N-MF
P8AX-N-MFRP
Right Angle N Male to N Female
Reverse Polarity N Male to N Female
Outer Dimension Tolerance: +/- 0.2mm
Grounding Screw Tolerance: -0.05mm
P8AX-7/16W-FF
7/16 Male to 7/16 Female
7/16 Female to 7/16 Female
P8AX-7/16W-MF



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com