Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFASWB643ATF06 Datasheet(PDF) 2 Page - WALSIN TECHNOLOGY CORPORATION

Part # RFASWB643ATF06
Description  Any 2G/3G/4G Band for TRx System
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

RFASWB643ATF06 Datasheet(HTML) 2 Page - WALSIN TECHNOLOGY CORPORATION

  RFASWB643ATF06 Datasheet HTML 1Page - WALSIN TECHNOLOGY CORPORATION RFASWB643ATF06 Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION RFASWB643ATF06 Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION RFASWB643ATF06 Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION RFASWB643ATF06 Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION RFASWB643ATF06 Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION RFASWB643ATF06 Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION RFASWB643ATF06 Datasheet HTML 8Page - WALSIN TECHNOLOGY CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Approval Sheet
Page 2 of 8
ASC_RFASWB643ATF06_V05
Oct. 2017
FEATURES
Low Insertion Loss
:0.45dB typ. @ 2.7GHz
High Isolation
:27dB typ. @ 2.7GHz
Low control voltage
:1.8 to 4.2 V :
Miniature footprint
:2.0 x 2.0 x 0.55 mm3
Moisture Sensitive Level 3 (MSL3)
:
Description
The RFASWB643ATF06 is a SOI (Silicon On Insulator) double pole double throw (DPDT) switch in a low cost miniature
QFN (2.0x2.0 x0.55mm3) package. Typical applications are for SV-LTE ,LTE-A and diversity antenna switching.
The RFASWB643ATF06 is ideally suited for applications where high power, high linearity, low insertion loss, and small size
are required.
The RFASWB643ATF06 has ESD protection devices to achieve excellent ESD performances. No DC Blocking capacitors
are required for all RF ports unless DC is biased externally.
Application
2G/3G/4G multimode cellular handsets (LTE, UMTS, CDMA2000, EDGE, GSM, TDD-LTE, TD-SCDMA)
Block Diagram and Pin Out (Top View)
Pin Names and Descriptions
Pin
Name
Description
Pin
Name
Description
1
VDD
DC power supply
7
RF1
RF path 1
2
N/C
No connected
8
N/C
No connected
3
VC1
Control voltage 1
9
RF4
RF path 4
4
GND
Ground
10
GND
Ground
5
RF2
RF path 2
11
path3
RF path 3
6
GND
Ground
12
GND
Ground



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com