Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NF-TYPE Datasheet(PDF) 1 Page - TAITIEN ELECTRONICS CO.,LTD

Part # NF-TYPE
Description  20.3 x 12.7 mm Oven Controlled Crystal Oscillator
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITIEN [TAITIEN ELECTRONICS CO.,LTD]
Direct Link  https://www.taitien.com
Logo TAITIEN - TAITIEN ELECTRONICS CO.,LTD

NF-TYPE Datasheet(HTML) 1 Page - TAITIEN ELECTRONICS CO.,LTD

  NF-TYPE Datasheet HTML 1Page - TAITIEN ELECTRONICS CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Rev(8)07/2016
Rev(8)07/2016
Rev(8)07/2016


Similar Part No. - NF-TYPE

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
NF-TMJ-1 HIROSE-NF-TMJ-1 Datasheet
378Kb / 5P
C15 Type Accessories
NF-TMJ-P HIROSE-NF-TMJ-P Datasheet
378Kb / 5P
C15 Type Accessories
NF-TMJ-P HIROSE-NF-TMJ-P Datasheet
413Kb / 5P
The non-reflective terminators exhibit a high degree of matching of V.S.W.R. 1.12 or less for all products.
NF-TMP-1 HIROSE-NF-TMP-1 Datasheet
378Kb / 5P
C15 Type Accessories
NF-TMP-1 HIROSE-NF-TMP-1 Datasheet
413Kb / 5P
The non-reflective terminators exhibit a high degree of matching of V.S.W.R. 1.12 or less for all products.
More results

Similar Description - NF-TYPE

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
OCXO-131A KSS-OCXO-131A Datasheet
66Kb / 1P
Oven Controlled Crystal Oscillator
logo
MICORO CRYSTAL SWITZERL...
OCXOVST MICROCRYSTAL-OCXOVST Datasheet
77Kb / 2P
Oven Controlled Crystal Oscillator
logo
Vectron International, ...
OX-2800-BAE-108 VECTRON-OX-2800-BAE-108 Datasheet
203Kb / 5P
Oven Controlled Crystal Oscillator
OX-4000-DAE-108 VECTRON-OX-4000-DAE-108 Datasheet
203Kb / 5P
Oven Controlled Crystal Oscillator
logo
Vanlong Technology Co.,...
CO600 VANLONG-CO600_13 Datasheet
43Kb / 1P
Oven Controlled Crystal Oscillator
logo
Abracon Corporation
AOCJY1 ABRACON-AOCJY1 Datasheet
2Mb / 3P
OVEN CONTROLLED CRYSTAL OSCILLATOR
05.18.11
logo
TAITIEN ELECTRONICS CO....
XO-0010-NP TAITIEN-XO-0010-NP Datasheet
329Kb / 1P
20.6 x 20.6 mm Oven Controlled Crystal Oscillator
XO-0036-NA TAITIEN-XO-0036-NA Datasheet
431Kb / 1P
25.4 x 25.4 mm Oven Controlled Crystal Oscillator
XO-0046-NJ TAITIEN-XO-0046-NJ Datasheet
332Kb / 1P
25.4 x 22.1 mm Oven Controlled Crystal Oscillator
XO-0058-NI TAITIEN-XO-0058-NI Datasheet
304Kb / 1P
36.3 x 27.2 mm Oven Controlled Crystal Oscillator
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com