Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFASWH526BTF03 Datasheet(PDF) 8 Page - WALSIN TECHNOLOGY CORPORATION

Part # RFASWH526BTF03
Description  Any 2G/3G/4G Antenna Diversity For Receive System
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

RFASWH526BTF03 Datasheet(HTML) 8 Page - WALSIN TECHNOLOGY CORPORATION

Back Button RFASWH526BTF03 Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION RFASWH526BTF03 Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION RFASWH526BTF03 Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION RFASWH526BTF03 Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION RFASWH526BTF03 Datasheet HTML 8Page - WALSIN TECHNOLOGY CORPORATION RFASWH526BTF03 Datasheet HTML 9Page - WALSIN TECHNOLOGY CORPORATION RFASWH526BTF03 Datasheet HTML 10Page - WALSIN TECHNOLOGY CORPORATION RFASWH526BTF03 Datasheet HTML 11Page - WALSIN TECHNOLOGY CORPORATION RFASWH526BTF03 Datasheet HTML 12Page - WALSIN TECHNOLOGY CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Approval Sheet
Page 8 of 14
ASC_RFASWH526BTF03_V04
Mar. 2018
AC Waveforms
Figure 6. TSCLKDH, TSCLKDCL, TSCLKIH, TSCLKIL, TS, TH
Figure 7. TD, TSDATAOTR, TSDATAZ
Figure 8. TVIO-R, TVIO-RST, TSIGOL
Figure 9. RF Switch Timing
SCLK(IN)
VTPmax
VTNmin
VIO
GND
Bus Park Cycle
VIO
GND
VOLmax
SDATA(OUT)
VOHmin
TD(H)
TSDATAOTR
TD(L)
TSDATAOTR
TSDATAZ
VIO
SDATA(IN)
or SCLK(IN)
VTPmin
VIO
GND
TSIGOL
VIO
GND
TVIO-R
TVIO-
RST
VIO(min)
0.2V
Register Write Command
Register Write Command
SCLK
SDATA
SSC
P
BP
SSC
P
BP
Pout
Tint
TSW
TSW
90%
10%
VTNmin
SCLK(IN)
SDATA(IN)
TSCLKIH
TSCLKIL
VTPmax
VTNmin
VOHmin
VOLmax
TSCLKDCH TSCLKDCL
Tr
Tf
VIO
GND
TS(H)
VTPmax
TH(H)
TS(L)
TH(L)
VIO
GND
Tr
Tf
VOHmin
VOLmax



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com