Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STRF6632 Datasheet(PDF) 2 Page - Allegro MicroSystems

Part # STRF6632
Description  OFF-LINE QUASI-RESONANT FLYBACK SWITCHING REGULATORS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

STRF6632 Datasheet(HTML) 2 Page - Allegro MicroSystems

  STRF6632 Datasheet HTML 1Page - Allegro MicroSystems STRF6632 Datasheet HTML 2Page - Allegro MicroSystems STRF6632 Datasheet HTML 3Page - Allegro MicroSystems STRF6632 Datasheet HTML 4Page - Allegro MicroSystems STRF6632 Datasheet HTML 5Page - Allegro MicroSystems STRF6632 Datasheet HTML 6Page - Allegro MicroSystems STRF6632 Datasheet HTML 7Page - Allegro MicroSystems STRF6632 Datasheet HTML 8Page - Allegro MicroSystems STRF6632 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Series STR-F6600
OFF-LINE
QUASI-RESONANT FLYBACK
SWITCHING REGULATORS
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
™
2
TM
Copyright © 2000 Allegro MicroSystems, Inc.
FUNCTIONAL BLOCK DIAGRAM
FEEDBACK &
OVER-CURRENT
PROTECTION
GROUND
V
IN
SOURCE
DRAIN
Dwg. FK-002-6
0.73 V
–
–
TSD
OVER-VOLT.
PROTECT
R
SQ
REF.
FAULT
LATCH
4
3
2
1.45 V
UVLO
+
1
+
DRIVE
REG.
OSC
cSS
rSS
1.0
0.6
0.2
50
100
STARTING CHANNEL TEMPERATURE in
°C
Dwg.
0.4
0.8
0
25
75
125
Allowable package power dissipation curves
are shown on page 10.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com