Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS18LV02565ABC-55 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # CS18LV02565ABC-55
Description  HIGH SPEED SUPER LOW POWER SRAM
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CS18LV02565ABC-55 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button CS18LV02565ABC-55 Datasheet HTML 6Page - List of Unclassifed Manufacturers CS18LV02565ABC-55 Datasheet HTML 7Page - List of Unclassifed Manufacturers CS18LV02565ABC-55 Datasheet HTML 8Page - List of Unclassifed Manufacturers CS18LV02565ABC-55 Datasheet HTML 9Page - List of Unclassifed Manufacturers CS18LV02565ABC-55 Datasheet HTML 10Page - List of Unclassifed Manufacturers CS18LV02565ABC-55 Datasheet HTML 11Page - List of Unclassifed Manufacturers CS18LV02565ABC-55 Datasheet HTML 12Page - List of Unclassifed Manufacturers CS18LV02565ABC-55 Datasheet HTML 13Page - List of Unclassifed Manufacturers CS18LV02565ABC-55 Datasheet HTML 14Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
High Speed Super Low Power SRAM
32K-Word By 8 Bit
CS18LV02565
10
Rev. 2.0
Chiplus reserves the right to change product or specification without notice.
AC ELECTRICAL CHARACTERISTICS ( TA = 0o ~70oC, Vcc = 5.0V )
< WRITE CYCLE >
-55
-70
JEDEC
Name
Symbol
Description
MIN MAX MIN MAX
Unit
tAVAX
tWC
Write Cycle Time
55
70
ns
tE1LWH
tCW
Chip Select to End of Write
55
70
ns
tAVWL
tAS
Address Setup Time
0
0
ns
tAVWH
tAW
Address Valid to End of Write
55
70
ns
tWLWH
tWP
Write Pulse Width
40
50
ns
tWHAX
tWR
Write Recovery Time
0
0
ns
tWLQZ
tWHZ
Write to Output in High Z
25
35
ns
tDVWH
tDW
Data to Write Time Overlap
20
30
ns
tWHDX
tDH
Data Hold for Write End
0
0
ns
tGHQZ
tOHZ
Output Disable to Output in
High Z
0
30
0
30
ns
tWHOX
tOW
End of Write to Output Active
5
5
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com