Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0803876 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0803876
Description  Plastic label - US-EMLP-HA 24 (30X18/8)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0803876 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0803876 Datasheet HTML 1Page - PHOENIX CONTACT 0803876 Datasheet HTML 2Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
https://www.phoenixcontact.com/pi/products/0803876
08/26/2019   Page 1 / 2
Plastic label - US-EMLP-HA 24 (30X18/8) - 0803876
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Plastic label, with bore hole, Card, white, unlabeled, can be labeled with: BLUEMARK ID COLOR,
BLUEMARK ID, THERMOMARK PRIME, THERMOMARK CARD 2.0, THERMOMARK CARD, mounting type:
adhesive, lettering field size: 1 of 30 x 18 mm and 1 of 30 x 8 mm
Key Commercial Data
Packing unit
10 pc
Minimum order quantity
10 pc
GTIN
GTIN
4055626173351
Technical data
Dimensions
Length (b)
66 mm
Width (a)
30 mm
Ambient conditions
Ambient temperature (operation)
-30 °C ... 80 °C
Recommended storage conditions
23 °C/50 % relative humidity. Storage in a dry and dark place in the
original packaging is recommended.
General
Color
white
Components
Silicone-free
Material
PVC
RoHS compliant
Yes
Wipe resistance
DIN EN 61010-1 (VDE 0411-1)
Number of individual labels
6
Number of individual labels per row
3
Adhesive
Acrylic
Test for substances that would hinder coating with paint or varnish
VW PV 3.10.7:2005-02


Similar Part No. - 0803876

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0803871 PHOENIX-0803871 Datasheet
52Kb / 2P
Label, for marking fire detection systems, Card, blue/white, unlabeled, can be labeled with: THERMOMARK PRIME, THERMOMARK CARD, BLUEMARK ID, BLUEMARK ID COLOR, mounting type: adhesive, diameter: 50 mm, lettering field size: d: 50 mm
0803872 PHOENIX-0803872 Datasheet
51Kb / 2P
Label, for marking emergency stop buttons, Card, yellow, unlabeled, can be labeled with: THERMOMARK PRIME, THERMOMARK CARD, BLUEMARK ID, BLUEMARK ID COLOR, mounting type: adhesive, diameter: 90 mm, lettering field size: d: 90 mm
0803873 PHOENIX-0803873 Datasheet
51Kb / 2P
Label, for marking emergency stop buttons, Card, yellow, unlabeled, can be labeled with: THERMOMARK PRIME, THERMOMARK CARD, BLUEMARK ID, BLUEMARK ID COLOR, mounting type: adhesive, diameter: 60 mm, lettering field size: d: 60 mm
0803874 PHOENIX-0803874 Datasheet
55Kb / 2P
Plastic label - US-EMLP-HA 24 (30X15/12,5)
0803875 PHOENIX-0803875 Datasheet
57Kb / 2P
Plastic label - US-EMLP-HA 24 (30X15/12,5) SR
More results

Similar Description - 0803876

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0803874 PHOENIX-0803874 Datasheet
55Kb / 2P
Plastic label - US-EMLP-HA 24 (30X15/12,5)
0803875 PHOENIX-0803875 Datasheet
57Kb / 2P
Plastic label - US-EMLP-HA 24 (30X15/12,5) SR
0803877 PHOENIX-0803877 Datasheet
58Kb / 2P
Plastic label - US-EMLP-HA 24 (30X18/8) SR
0803878 PHOENIX-0803878 Datasheet
57Kb / 2P
Plastic label - US-EMLP-HA 30 (45X10)
0830300 PHOENIX-0830300 Datasheet
57Kb / 3P
Plastic label - US-EMLP (35X15)
0830303 PHOENIX-0830303 Datasheet
57Kb / 3P
Plastic label - US-EMLP (8,8X15)
0830839 PHOENIX-0830839 Datasheet
58Kb / 3P
Plastic label - US-EMLP (17,5X15)
0830841 PHOENIX-0830841 Datasheet
54Kb / 2P
Plastic label - US-EMLP (85,6X54) RD
0830992 PHOENIX-0830992 Datasheet
58Kb / 3P
Plastic label - US-EMLP-HA (85,6X54)
0830993 PHOENIX-0830993 Datasheet
58Kb / 3P
Plastic label - US-EMLP-HA (85,6X54) SR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com