Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS18LV02565ACR55 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # CS18LV02565ACR55
Description  HIGH SPEED SUPER LOW POWER SRAM
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CS18LV02565ACR55 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  CS18LV02565ACR55 Datasheet HTML 1Page - List of Unclassifed Manufacturers CS18LV02565ACR55 Datasheet HTML 2Page - List of Unclassifed Manufacturers CS18LV02565ACR55 Datasheet HTML 3Page - List of Unclassifed Manufacturers CS18LV02565ACR55 Datasheet HTML 4Page - List of Unclassifed Manufacturers CS18LV02565ACR55 Datasheet HTML 5Page - List of Unclassifed Manufacturers CS18LV02565ACR55 Datasheet HTML 6Page - List of Unclassifed Manufacturers CS18LV02565ACR55 Datasheet HTML 7Page - List of Unclassifed Manufacturers CS18LV02565ACR55 Datasheet HTML 8Page - List of Unclassifed Manufacturers CS18LV02565ACR55 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
High Speed Super Low Power SRAM
32K-Word By 8 Bit
CS18LV02565
3
Rev. 2.0
Chiplus reserves the right to change product or specification without notice.
PIN CONFIGURATIONS
OE
A10
A11
A9
A8
A13
WE
VCC
A14
A12
A7
A6
A5
A4
A3
CE
DQ7
DQ6
DQ5
DQ4
DQ3
GND
DQ2
DQ1
DQ0
A0
A1
A2
27
20
15
16
17
18
19
21
22
23
24
25
26
28
2
9
12
14
13
11
10
6
8
7
5
4
3
1
28TSOP(I)-8x13.4mm
FUNCTIONAL BLOCK DIAGRAM
Address
Input
Buffer
Row
Decoder
512x512
Memory Array
Data Output
Buffer
Write Driver
Sense Amp
Column Decoder
Address Input Buffer
Control
Column I/O
Data Input
Buffer
A6
A7
A8
A9
A11
A12
A13
DQ0
DQ7
18
512
8
8
88
512
64
12
A0 A1 A2 A3 A4 A10
/WE
/OE
/CE
VCC
GND
A5
A14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com