Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS950703 Datasheet(PDF) 21 Page - Integrated Circuit Systems

Part # ICS950703
Description  PROGRAMMABLE TIMING CONTROL HUB FOR P4
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS950703 Datasheet(HTML) 21 Page - Integrated Circuit Systems

Back Button ICS950703 Datasheet HTML 16Page - Integrated Circuit Systems ICS950703 Datasheet HTML 17Page - Integrated Circuit Systems ICS950703 Datasheet HTML 18Page - Integrated Circuit Systems ICS950703 Datasheet HTML 19Page - Integrated Circuit Systems ICS950703 Datasheet HTML 20Page - Integrated Circuit Systems ICS950703 Datasheet HTML 21Page - Integrated Circuit Systems ICS950703 Datasheet HTML 22Page - Integrated Circuit Systems ICS950703 Datasheet HTML 23Page - Integrated Circuit Systems ICS950703 Datasheet HTML 24Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
21
Integrated
Circuit
Systems, Inc.
ICS950703
0690D—05/14/04
Electrical Characteristics - 3V66
TA = 0 - 70°C; VDD=3.3V +/-5%; CL = 10-30 pF (unless otherwise specified)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Output Frequency
FO1
66.66
MHz
Output Impedance
RDSP1
1
VO = VDD*(0.5)
12
65
Ω
Output High Voltage
VOH
1
IOH = -1 mA
2.4
V
Output Low Voltage
VOL
1
IOL = 1 mA
0.4
V
Output High Current
IOH
1
V OH@MIN = 1.0 V, Voh@MAX=3.135
-33
-33
mA
Output Low Voltage
IOL
1
V OH@MIN = 1.95 V, Voh@MAX=0.4
30
38
mA
Rise Time
tr1
1
VOL = 0.4 V, VOH = 2.4 V
0.5
1.8
2
ns
Fall Time
tf1
1
VOH = 2.4 V, VOL = 0.4 V
0.5
1.51
2
ns
Duty Cycle
dt1
1
VT = 1.5 V
45
50
55
%
Skew
tsk1
1
VT = 1.5 V
52
250
ps
Jitter
tjcyc-cyc
1
VT = 1.5 V 3V66
160
250
ps
1Guaranteed by design, not 100% tested in production.
Electrical Characteristics - 48MHz
TA = 0 - 70°C; VDD=3.3V +/-5%; CL = 10-20 pF (unless otherwise specified)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Output Frequency
FO1
14.32
MHz
Output Impedance
RDSP1
1
VO = VDD*(0.5)
20
60
Ω
Output High Voltage
VOH
1
IOH = -1 mA
2.4
V
Output Low Voltage
VOL
1
IOL = 1 mA
0.4
V
Output High Current
IOH
1
V OH@MIN = 1.0 V
-29
-23
Output Low Current
IOL
1
VOL @MIN = 1.95 V
29
27
Rise Time
tr1
1
VOL = 0.4 V, VOH = 2.4 V
11.15
4
ns
Fall Time
tf1
1
VOH = 2.4 V, VOL = 0.4 V
11.4
4
ns
Duty Cycle
dt1
1
VT = 1.5 V
45
52.5
55
%
Jitter
tjcyc-cyc
1
VT = 1.5 V
184
350
ps
1Guaranteed by design, not 100% tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com