Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS18LV02565PIR55 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # CS18LV02565PIR55
Description  HIGH SPEED SUPER LOW POWER SRAM
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CS18LV02565PIR55 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button CS18LV02565PIR55 Datasheet HTML 6Page - List of Unclassifed Manufacturers CS18LV02565PIR55 Datasheet HTML 7Page - List of Unclassifed Manufacturers CS18LV02565PIR55 Datasheet HTML 8Page - List of Unclassifed Manufacturers CS18LV02565PIR55 Datasheet HTML 9Page - List of Unclassifed Manufacturers CS18LV02565PIR55 Datasheet HTML 10Page - List of Unclassifed Manufacturers CS18LV02565PIR55 Datasheet HTML 11Page - List of Unclassifed Manufacturers CS18LV02565PIR55 Datasheet HTML 12Page - List of Unclassifed Manufacturers CS18LV02565PIR55 Datasheet HTML 13Page - List of Unclassifed Manufacturers CS18LV02565PIR55 Datasheet HTML 14Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
High Speed Super Low Power SRAM
32K-Word By 8 Bit
CS18LV02565
13
Rev. 2.0
Chiplus reserves the right to change product or specification without notice.
PACKAGE DIMENSIONS
-
28 pin SOP (330 mil) :
UNIT
SYMBOL
mm
Min.
Nom.
Max.
A
2.540
inch
Min.
Nom.
Max.
2.692
2.844
0.100
0.106
0.112
0.102
0.226
0.350
0.004
0.009
0.014
2.362
2.489
2.616
0.093
0.098
0.103
0.35
_
0.50
0.014
_
0.020
0.35
_
0.45
0.014
_
0.018
0.20
_
0.32
0.008
_
0.012
0.20
_
0.28
0.008
_
0.011
17.983
18.110
18.237
0.708
0.713
0.718
8.280
8.407
8.534
0.326
0.331
0.336
11.506
11.811
12.116
0.453
0.465
0.477
1.118
1.270
1.422
0.044
0.050
0.056
0.700
0.964
1.228
0.0276
0.0380
0.0484
1.520
1.720
1.920
0.0598
0.0677
0.0756
_
_
0.1
_
_
0.004
0°
_
10°
0°
_
10°
A1
A2
b
b1
c
c1
D
E
E1
e
L
L1
y
- 28 pin TSOP I (8x13.4 mm) :
1
14
14
D
1
HD
cL
WITH PLATING
28
SECTION A-A
BASE METAL
c c1
b1
b
12°(2X)
12°(2X)
15
"A"
15
SEATING PLANE
"A" DATAIL VIEW
Seating Plane
28
12°(2x)
12°(2x)
L1
L
A
A
0
y
GAUGE PLANE
0.004
A
UNIT
0.0473
Max.
Nom.
Min.
Max.
Nom.
Min.
inch
mm
1.20
0.0393
0.0433
1.10
1.00
SYMBOL
c
b1
b
A2
A1
0.011
0.007
0.009
0.27
0.22
0.17
0.041
0.0071
0.037
0.039
1.05
1.00
0.95
0.180
0.0019
0.0045
0.115
0.050
0.008
0.009
0.23
0.007
0.008
0.17
0.20
0.21
0.004
_
_
0.10
0.0277
0.0157
0.0197
0.70
0.40
0.50
HD
e
E
D
c1
0.319
0.311
0.315
8.10
7.90
8.00
0.469
0.006
0.461
0.465
11.90
11.80
11.70
0.16
_
0.10
_
0.536
0.026
0.65
0.018
0.022
0.45
0.55
13.60
0.520
0.528
13.20
13.40
y
L1
L
0.004
0.0355
0.0275
0.0315
0.90
0.80
0.70
0.1
_
_
_
_
8°
8°
0°
_
0°
_



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com