Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AL360A Datasheet(PDF) 21 Page - AverLogic Technologies Inc

Part # AL360A
Description  Video Format Converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVERLOGIC [AverLogic Technologies Inc]
Direct Link  http://www.averlogic.com
Logo AVERLOGIC - AverLogic Technologies Inc

AL360A Datasheet(HTML) 21 Page - AverLogic Technologies Inc

Back Button AL360A Datasheet HTML 17Page - AverLogic Technologies Inc AL360A Datasheet HTML 18Page - AverLogic Technologies Inc AL360A Datasheet HTML 19Page - AverLogic Technologies Inc AL360A Datasheet HTML 20Page - AverLogic Technologies Inc AL360A Datasheet HTML 21Page - AverLogic Technologies Inc AL360A Datasheet HTML 22Page - AverLogic Technologies Inc AL360A Datasheet HTML 23Page - AverLogic Technologies Inc AL360A Datasheet HTML 24Page - AverLogic Technologies Inc AL360A Datasheet HTML 25Page - AverLogic Technologies Inc  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
AL360 Datasheet Version 1.3 20170622
21
PWMDCMSB
S:0A4h
PWM Duty Cycle MSB Register
00h
The I/O ports consist of four SFR registers, one for each port, plus four other SFR registers
for each port direction, and the I/O port interface. The SFR register for each port is an 8-bit
register, which can be addressed at the SFR location for that port.
I/O Ports Register
I/O Ports
Assembly reference
SFR address
Port0
P0
S:080h
Port1
P1
S:090h
Port2
P2
S:0A0h
Port3
P3
S:0B0h
GPIO[12:0] are shared by port0[7:0] and port1[4:0] of both MCUs. The MCU access
permissions are controlled by register configuration.
Port3 and Port4 of the MCU are used for internal special data handles.
5 Electrical Characteristics
5.1 Absolute Maximum Ratings Under Free-Air Temperature
(These devices are designed to operate within the max/min ratings as specified. Operation
beyond these limits may result in permanent damage to the device. Functional operation of
the device at these or any other conditions outside of those indicated in this specification is
not implied. Exposure to absolute maximum ratings for extended periods may affect device
reliability.)
Parameter
Min.
Typical
Max.
Unit of
Measure
AV33
DAC supply voltage
(AV33 to AGND)
-0.3
+3.3
+3.6
V
DV33
I/O supply voltage
(VD33 to DGND)
-0.3
+3.3
+4.5
V
DV18_DDR
DDR supply voltage
(DV18_DDR to DGND_DDR)
-0.3
1.8
+1.95
V
AV12
Core supply voltage
-0.3
+1.2
+1.44
V
AV12_PLL
PLL supply voltage
-0.3
+1.2
+1.44
V
VP
Input pin voltage
(Vp to DGND)
-0.3
+3.3
+(DV33+0.3)
V
IO
I/O Output current
-
8
-
mA
Operating Current
of Standby mode
AV33 current
0
mA
DV33 current
5
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com