Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS18LV02565ABCR70 Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # CS18LV02565ABCR70
Description  HIGH SPEED SUPER LOW POWER SRAM
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CS18LV02565ABCR70 Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button CS18LV02565ABCR70 Datasheet HTML 6Page - List of Unclassifed Manufacturers CS18LV02565ABCR70 Datasheet HTML 7Page - List of Unclassifed Manufacturers CS18LV02565ABCR70 Datasheet HTML 8Page - List of Unclassifed Manufacturers CS18LV02565ABCR70 Datasheet HTML 9Page - List of Unclassifed Manufacturers CS18LV02565ABCR70 Datasheet HTML 10Page - List of Unclassifed Manufacturers CS18LV02565ABCR70 Datasheet HTML 11Page - List of Unclassifed Manufacturers CS18LV02565ABCR70 Datasheet HTML 12Page - List of Unclassifed Manufacturers CS18LV02565ABCR70 Datasheet HTML 13Page - List of Unclassifed Manufacturers CS18LV02565ABCR70 Datasheet HTML 14Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
High Speed Super Low Power SRAM
32K-Word By 8 Bit
CS18LV02565
12
Rev. 2.0
Chiplus reserves the right to change product or specification without notice.
NOTES:
1.
/WE must be high during address transitions.
2.
The internal write time of the memory is defined by the overlap of /CE and /WE low. All signals must be active
to initiate a write and any one signal can terminate a write by going inactive. The data input setup and hold
timing should be referenced to the second transition edge of the signal that terminates the write.
3.
TWR is measured from the earlier of /CE or /WE going high at the end of write cycle.
4.
During this period, DQ pins are in the output state so that the input signals of opposite phase to the outputs
must not be applied.
5.
If the /CE low transition occurs simultaneously with the /WE low transitions or after the /WE transition, output
remain in a high impedance state.
6.
/OE is continuously low (/OE = VIL ).DOUT is the same phase of write data of this write cycle.
7. DOUT is the read data of next address.
8. If /CE is low during this period, DQ pins are in the output state. Then the data input signals of opposite phase
to the outputs must not be applied to them.
9. Test conditions assume signal transition times of 5ns or less, timing reference levels of 0.5VCC, input pulse
levels of 0V to VCC and output loading specified in Figure 1A.
10. Transition is measured ±500mV from steady state with CL = 5pF as shown in Figure 1B. The parameter is
guaranteed but not 100% tested.
11. TCW is measured from the later of /CE going low to the end of write.
ORDER INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com