Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V104YLF Datasheet(PDF) 7 Page - Integrated Circuit Systems

Part # V104YLF
Description  10 BIT LVDS RECEIVER FOR VIDEO
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

V104YLF Datasheet(HTML) 7 Page - Integrated Circuit Systems

Back Button V104YLF Datasheet HTML 3Page - Integrated Circuit Systems V104YLF Datasheet HTML 4Page - Integrated Circuit Systems V104YLF Datasheet HTML 5Page - Integrated Circuit Systems V104YLF Datasheet HTML 6Page - Integrated Circuit Systems V104YLF Datasheet HTML 7Page - Integrated Circuit Systems V104YLF Datasheet HTML 8Page - Integrated Circuit Systems V104YLF Datasheet HTML 9Page - Integrated Circuit Systems V104YLF Datasheet HTML 10Page - Integrated Circuit Systems V104YLF Datasheet HTML 11Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
10 BIT LVDS RECEIVER FOR VIDEO
V104
V104 Datasheet
7
1/12/05
Revision 1.6
Integrated Circuit Systems • 525 Race St reet, San Jose, CA 95 126 • tel (408) 297-1201 • w w w. icst.com
PRELIMINARY
Thermal Characteristics
Parameter
Symbol
Min.
Typ.
Max.
Units
Switching Characteristics
CLKOUT Period
tRCP
11.1
T
125.0
ns
CLK IN High Time
tRCH
(T-1)/2
ns
CLK IN Low Time
tRCL
(T-1)/2
ns
TTL Data Setup to CLKOUT
tRS
4.5
ns
TTL Data Hold from CLKOUT
tRH
2.5
ns
TTL Low to High Transition Time
tTLH
1.0
2.0
ns
TTL High to Low Transition Time
tTHL
1.0
2.0
ns
Input Data Position0
tRIP1
-0.25
0.0
+0.25
ns
Input Data Position1
tRIP0
ns
Input Data Position2
tRIP6
ns
Input Data Position3
tRIP5
ns
Input Data Position4
tRIP4
ns
Input Data Position5
tRIP3
ns
Input Data Position6
tRIP2
ns
Phase Lock Loop Set
tRPLL
10.0
ms
CLKIN Period
tRCIP
11.1
125.0
ns
Device-device data output skew
0
1.6
ns
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Thermal Resistance Junction to Ambient
θ
JA
Still air
53
°C/W
θ
JA
1 m/s air flow
40
°C/W
θ
JA
3 m/s air flow
33
°C/W
Thermal Resistance Junction to Case
θ
JC
8
°C/W
-0.25
tRCIP
7
tRCIP
7
+0.25
tRCIP
7
2
-0.25
tRCIP
7
2
tRCIP
7
2
+0.25
tRCIP
7
3
-0.25
tRCIP
7
3
tRCIP
7
3
+0.25
tRCIP
7
4
-0.25
tRCIP
7
4
tRCIP
7
4
+0.25
tRCIP
7
5
-0.25
tRCIP
7
5
tRCIP
7
5
+0.25
tRCIP
7
6
-0.25
tRCIP
7
6
tRCIP
7
6
+0.25
tRCIP
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com