Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSF220VL Datasheet(PDF) 1 Page - ZIEHL industrie-elektronik GmbH + Co KG

Part # MSF220VL
Description  PTC-Resistor-Relay Type MSF220VL for Dry-Transformers, Fan, Warning, Trip Winding and Trip Core
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZIEHL [ZIEHL industrie-elektronik GmbH + Co KG]
Direct Link  https://www.ziehl.com
Logo ZIEHL - ZIEHL industrie-elektronik GmbH + Co KG

MSF220VL Datasheet(HTML) 1 Page - ZIEHL industrie-elektronik GmbH + Co KG

  MSF220VL Datasheet HTML 1Page - ZIEHL industrie-elektronik GmbH + Co KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
21
ZIEHL industrie-elektronik, 74523 Schwäbisch Hall, Germany, +49 791 504-0, info@ziehl.de, www.ziehl.de
PTC-resistor relays type MS
PTC-Resistor-Relay Type MSF220VL
for Dry-Transformers, Fan, Warning, Trip Winding and Trip Core
Technical Data
The MSF220VL is particularly
suitable for monitoring of tem-
peratures at dry transformers,
when also the temperature of
the core shall be measured.
Monitoring of core temperature
is especially required in rectifier
transformers because of harmo-
nics causing heat in the core.
An intelligent control prolongs
automatically the runtime of
a cooling-fan, depending on
the load of the transformer.
Each PTC-circuit is monitored for
break and short circuit. This re-
duces probability of false alarms.
Relaysinoperating-currentmode
prevent from a trip-signal when
switching on supply voltage.
The device can be adapted to different applications
with 4 programs:
1.) Fan-control - alarm - trip (winding) - trip (core)
2.) Alarm - trip (winding) - trip (core) - alarm (fault)
3.) Fan-control - alarm - trip (winding) - alarm (fault)
4.) Fan-control with hysteresis T1/T2 - alarm - trip
(winding) - time relay
•
•
•
•
•
•
•
•
•
•
•
4 inputs for PTC
Intelligent control of fan
Automatic fan-test 1x / week
electronic reclosing lock for alarms (trip) connec-
table
Monitoring of sensors
Test-button
Simple testing with disconnectable monitoring of
break and short circuit (for 10 minutes)
LEDs for alarms, states of relays and sensors
Housing for mounting on DIN-Rail or wall-mount
(option)
Mounting height 55 mm
Universal supply voltage AC/DC 24-240 V
AC/DC 24 - 240 V ± 15 %, < 3 VA
4 x 1... 6 PTC according to DIN 44 081 or 44 082
< 4000 Ω
4 x 1 change-over contacts
type 2 see "general technical information"
see "general technical information"
-20... +60 °C
design V 4: 90 x 70 x 58 [ mm ]
on 35 mm DIN rail according to DIN EN 50 022
or with screws M4
IP 30 / IP 20
approx. 185 g
Rated supply voltage US
connectable PTC resistors
switching point
output relays
type of contact
test conditions
rated ambient temperature
range
dimensions (h x w x d) attach-
ment
protection housing / terminals
weight
2016-10-14
Kaltleiter-Relais
Reset
Test
MSF220VL
ALARM 1 / Fan
ALARM 2
~
+
~
–
Us
24...240 V
_
~
22 21 24 32 31 34
A1 A2
42 41 44
ALARM 3
ALARM 4
1T1 1T2 2T1 2T2 3T1 3T2 4T1 4T2
14
11
12
Us
DC
+
AC
~
-
~
4x 1...6 PTC
MSF220VL
Part number:
T221674
AC/DC24-240 V
1


Similar Part No. - MSF220VL

ManufacturerPart #DatasheetDescription
logo
ZIEHL industrie-elektro...
MSF220V ZIEHL-MSF220V Datasheet
311Kb / 1P
PTC-Resistor-Relay Type MSF220V/VU for Dry-Transformers, 3 PTC-Circuits
MSF220VU ZIEHL-MSF220VU Datasheet
311Kb / 1P
PTC-Resistor-Relay Type MSF220V/VU for Dry-Transformers, 3 PTC-Circuits
More results

Similar Description - MSF220VL

ManufacturerPart #DatasheetDescription
logo
ZIEHL industrie-elektro...
MS220K ZIEHL-MS220K Datasheet
382Kb / 1P
PTC-Resistor-Relay Type MS(R)220K Single PTC-Circuit
MS220K2 ZIEHL-MS220K2 Datasheet
464Kb / 1P
PTC-Resistor-Relay Type MS(R)220K2 2 PTC-Circuits
MSF220K ZIEHL-MSF220K Datasheet
540Kb / 1P
PTC-resistor relay type MSF220K for Dry-Transformers, 2 PTC-Circuits
MSF220SE ZIEHL-MSF220SE Datasheet
273Kb / 1P
PTC-Resistor-Relay Type MSF220SE for Dry-Transformers, 2 PTC-Circuits
MSF220V ZIEHL-MSF220V Datasheet
311Kb / 1P
PTC-Resistor-Relay Type MSF220V/VU for Dry-Transformers, 3 PTC-Circuits
MSR220K6 ZIEHL-MSR220K6 Datasheet
306Kb / 1P
PTC-Resistor-Relay Type MSR220K6 6 PTC-Circuits
MSR820V ZIEHL-MSR820V Datasheet
337Kb / 1P
PTC-Resistor-Relay Type MSR820V 8 PTC-Circuits
T221120 ZIEHL-T221120 Datasheet
237Kb / 1P
PTC-Resistor-Relay Type MS40ZT for Elevators
T221804 ZIEHL-T221804 Datasheet
320Kb / 1P
PTC-Resistor-Relay Type MS220C Single PTC-Circuit
logo
Pepperl+Fuchs Inc.
S1SD-1AI-1R PF-S1SD-1AI-1R Datasheet
1Mb / 10P
Trip amplifier
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com