Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TR250 Datasheet(PDF) 1 Page - ZIEHL industrie-elektronik GmbH + Co KG

Part # TR250
Description  Pt100-Temperature-Relay Type TR250 3 Sensors Pt 100 (RTD), Pt 1000, PTC or KTY, 3 Limits
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZIEHL [ZIEHL industrie-elektronik GmbH + Co KG]
Direct Link  https://www.ziehl.com
Logo ZIEHL - ZIEHL industrie-elektronik GmbH + Co KG

TR250 Datasheet(HTML) 1 Page - ZIEHL industrie-elektronik GmbH + Co KG

  TR250 Datasheet HTML 1Page - ZIEHL industrie-elektronik GmbH + Co KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
34
ZIEHL industrie-elektronik, 74523 Schwäbisch Hall, Germany, +49 791 504-0, info@ziehl.de, www.ziehl.de
Technical Data
Function
Measuring and monitoring range
- 199...+850°C
resolution0.1°Cselectablewithin
range -19.9...99.9 °C
3 relay outputs K1 to K3 with
change-over contacts
Universal power supply AC/DC
24-240 V
Easy setting
Storing of values of MIN- and
MAX- temperature
Alarm counter for 3x99 alarms
withdisplayofsensorandelapsed
time.
Code-lock against manipulation
of settings
The Pt100 thermostat TR250
monitors up to 3 sensors Pt100
(RTD), Pt1000, KTY83 KTY84 or
thermistors (PTC) at the same
time. Different types of sensors,
e.g. Pt 100 and PTC can be mo-
nitored simultaneously.
The unit is especially suitable for
monitoring motors, generators
and transformers.
An other application is the use
as a 2- or 3-step-controller with
additional monitoring of over- or
under-temperature. monitoring
of differences in temperatures
of 2 sensors or temperature
controller for heat pumps.
Pt100-Temperature-Relay Type TR250
3 Sensors Pt 100 (RTD), Pt 1000, PTC or KTY, 3 Limits
NEW: Alarm counter and preset programs for use with PTC thermistors only
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
Rated supply voltage Us
Sensor connection
Measuring accuracy
Sensor-current
Connection
Measuring range
Hysteresis
Switching delay on/off
Type of contact
Test conditions
Rated ambient temperature
range
Dimensions (h x w x d)
Protection housing / terminals
Weight
Attachment
AC/DC 24-240 V (AC 20-264 V, DC 20-297 V)
3 x Pt100 (DIN 43 760/IEC 751) (RTD)
3 x Pt1000, KTY83, KTY84
3 x 1...6 PTC (DIN 44080/44081)
< 0,5 % of value ±1 K
< 1 mA
3-wire, 2-wire, line-resistance max. 2 x 50 Ω
-199...+850 °C
-99...+99 °C
0...99 s / 0...999 s
type 2 (see "general technical information")
3 x change-over / alarm
see "general technical information"
-20°C...+65°C
V4: 90 x 70 x 58 [mm], mounting height 55 mm
P 30 / IP 20
app. 200 g
on 35 mm DIN rail or with screws M4
Pt 100-Temperature Relays Type TR
3 Sensor-Inputs:
Pt100/1000, 2- or 3-wire
connection, KTY83, KTY84
Thermistors (PTC) each 1...6
in series
Monitoring of short-circuit
and break
Displays:
3 digit 7-segment-display for
temperature and program-
ming
3LEDsforsensors,foralarms/
relays
display °C or °F selectable,
resolution 0.1 °C
Switching-Functions
3 relays
warmest/coldest sensor switches relay
prgrammable for every relay:
- hysteresis
- autoreset or electronic reclosing lock
- delay-time for switching and switching back
- operating- or closed current-mode
- cyclic check of function
monitoring of difference in temperature
6 preset programs:
motor / generator with 3x Pt 100
transformer with 3x Pt 100
transformer with 2x PTC / 3x PTC
transformer with 2x PTC and 1x Pt 100
3 x 1 alarm per sensor
2018-03-07
TR250
Part number:
T224190
AC/DC 24-240 V


Similar Part No. - TR250

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
TR250-080T MACOM-TR250-080T Datasheet
570Kb / 18P
PolySwitch??Resettable Device Short Form Catalog
TR250-080U MACOM-TR250-080U Datasheet
16Kb / 1P
PolySwitch PTC Devices Overcurrent Protection Device
TR250-080U MACOM-TR250-080U Datasheet
570Kb / 18P
PolySwitch??Resettable Device Short Form Catalog
TR250-110U MACOM-TR250-110U Datasheet
570Kb / 18P
PolySwitch??Resettable Device Short Form Catalog
TR250-120 MACOM-TR250-120 Datasheet
18Kb / 1P
PolySwitch PTC Devices Overcurrent Protection Device
More results

Similar Description - TR250

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SE018 ETC2-SE018 Datasheet
996Kb / 3P
PT-100 Temperature Sensors
logo
ZIEHL industrie-elektro...
TR111V ZIEHL-TR111V Datasheet
269Kb / 1P
Pt 100-Temperature-Relay Type TR111V
TR122DA ZIEHL-TR122DA Datasheet
267Kb / 1P
Pt 100-Temperature-Relay Type TR122DA 1 Sensor, 2 Limits, Digital display, Analog-output
TR400 ZIEHL-TR400 Datasheet
491Kb / 2P
Pt100-Temperature Relays type TR400 Digital, 4 Sensors, 4 Limits
TR440 ZIEHL-TR440 Datasheet
281Kb / 2P
Pt100-Temperature-Relay Type TR440 4 Sensors Pt100 (RTD), Monitoring of Core, Panel-Mount
TR600 ZIEHL-TR600 Datasheet
782Kb / 2P
Pt100-Temperature-Relay Type TR600 Digital, 6 Sensors, 6 Limits, 2 analog outputs
TR600RS485 ZIEHL-TR600RS485 Datasheet
732Kb / 2P
Pt100-Temperature-Relay Type TR600 Digital, 6 Sensors, 6 Limits, RS485
TF101 ZIEHL-TF101 Datasheet
460Kb / 4P
Pt100 Temperature Sensors Type TF101
TMU100V ZIEHL-TMU100V Datasheet
251Kb / 1P
Measuring-Transducer for Temperature TMU100V for Pt 100 (RTD)
logo
PHOENIX CONTACT
1336527 PHOENIX-1336527 Datasheet
191Kb / 7P
Monitoring relay - MACX-MR-PTC-PT
Nov 16, 2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com