Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFDIP2008L10T Datasheet(PDF) 2 Page - WALSIN TECHNOLOGY CORPORATION

Part # RFDIP2008L10T
Description  2.4 GHz & 5 GHz ISM Band RF Application
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

RFDIP2008L10T Datasheet(HTML) 2 Page - WALSIN TECHNOLOGY CORPORATION

  RFDIP2008L10T Datasheet HTML 1Page - WALSIN TECHNOLOGY CORPORATION RFDIP2008L10T Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION RFDIP2008L10T Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION RFDIP2008L10T Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION RFDIP2008L10T Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION RFDIP2008L10T Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION RFDIP2008L10T Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Approval sheet
Page 2 of 7
ASC_RFDIP2008L10T_V01
Oct.2015
FEATURES
1.
Miniature footprint: 2.00 X 1.25 X 0.80 mm
3.
2.
Low insertion loss
3.
High attenuation on 2
nd harmonic suppressed
4.
LTCC process
APPLICATIONS
1.
2.4GHz/ 5GHz working frequency WLAN 802.11b/ g/ a Application
2.
Band switching for dual band system
CONSTRUCTION
Top view
DIMENSIONS
Figure
PIN
Connection (mm)
L
2.00 ± 0.20
W
1.25 ± 0.20
T
0.80 ± 0.15
A
0.20 ± 0.15
B
0.30 ± 0.15
C
0.35 ± 0.15
D
0.65 ± 0.15
E
0.20 ± 0.10
PIN
Connection
PIN
Connection
1
Higher Freq. Port
4
GND
2
GND
5
Common Port
3
Lower Freq. Port
6
GND
P6
P5
P4
1
P1
P2
P3
Top view
Bottom view
Side view



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com