Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFDIP2008L20T Datasheet(PDF) 2 Page - WALSIN TECHNOLOGY CORPORATION

Part # RFDIP2008L20T
Description  For WLAN Band 2.4GHz & 5GHz Application
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

RFDIP2008L20T Datasheet(HTML) 2 Page - WALSIN TECHNOLOGY CORPORATION

  RFDIP2008L20T Datasheet HTML 1Page - WALSIN TECHNOLOGY CORPORATION RFDIP2008L20T Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Preliminary Product Information
Page 2 of 2
PI_RFDIP2008L20T_V01
Oct. 2016
CONSTRUCTION
Figure
PIN
Connection
Top view
1
Higher Freq. Port
2
GND
3
Lower Freq. Port
4
GND
5
Common Port
6
GND
DIMENSIONS
Figure
Symbol
Dimension (mm)
L
2.00 ± 0.20
W
1.25 ± 0.20
T
0.80 ± 0.15
A
0.20 ± 0.15
B
0.30 ± 0.15
C
0.35 ± 0.15
D
0.65 ± 0.15
E
0.20 ± 0.10
SOLDER LAND PATTERN
Line width to be designed to match 50
Ω characteristic impedance, depending on PCB material and thickness. Grounding
through holes is 0.3 mm
CONTACT INFORMATION
For more information, please contact with
Walsin Technology Corporation.
Tel : 886-3-475-8711
Fax : 886-3-475-5197
E mail : info@passivecomponent.com
Web Site : http://www.passivecomponent.com
Specification subject to change without prior notice.
P3
P2
P1
P4
P5
P6
Top view
Bottom view
side view



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com