Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFDIP1608060LST Datasheet(PDF) 3 Page - WALSIN TECHNOLOGY CORPORATION

Part # RFDIP1608060LST
Description  2.4 GHz & 5 GHz Band RF Application
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

RFDIP1608060LST Datasheet(HTML) 3 Page - WALSIN TECHNOLOGY CORPORATION

  RFDIP1608060LST Datasheet HTML 1Page - WALSIN TECHNOLOGY CORPORATION RFDIP1608060LST Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION RFDIP1608060LST Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION RFDIP1608060LST Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION RFDIP1608060LST Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION RFDIP1608060LST Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION RFDIP1608060LST Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Approval sheet
Page 3 of 7
ASC_ RFDIP1608060LST _V02
Aug. 2018
ELECTRICAL CHARACTERISTICS
RFDIP1608060LST
Specification
Frequency range
2400~2500 MHz
5100~5900 MHz
Insertion Loss
0.5 dB max. at +25C
0.6 dB max. at -40C ~ +85C
1.1 dB max. at +25C
1.3 dB max. at -40C ~ +85C
Attenuation
22 dB min. @ 4800~5000MHz
24 dB min. @ 7200~7500MHz
25 dB min. @1800~2500MHz
24 dB min. @3700~3900MHz
22 dB min. @9800~11900MHz
VSWR
2.0 max.
Impedance
50 Ω
Moisture sensitivity levels
MSL is LEVEL 1 (Refer to : IPC/JEDEC J-STD-020)
Operating & Storage Condition (Component)
Operation Temperature Range: -40 ~ +85 ℃
Storage Temperature Range: -40 ~ +85 ℃
Storage Condition before Soldering (Included packaging material)
Storage Temperature Range: +5 ~ +40 ℃
Humidity: 30 to 70% relative humidity
TYPICAL ELECTRICAL PERFORMANCE
S-Parameter:
LAND PATTERN
Figure
Unit : mm
Line width to be designed to match 50 Ω characteristic impedance, depending on PCB material and thickness.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com