Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFDIP1608060TAT Datasheet(PDF) 1 Page - WALSIN TECHNOLOGY CORPORATION

Part # RFDIP1608060TAT
Description  GPS 1.57GHz & ISM 2.4/5GHz Band Working Frequency
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

RFDIP1608060TAT Datasheet(HTML) 1 Page - WALSIN TECHNOLOGY CORPORATION

  RFDIP1608060TAT Datasheet HTML 1Page - WALSIN TECHNOLOGY CORPORATION RFDIP1608060TAT Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION RFDIP1608060TAT Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION RFDIP1608060TAT Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION RFDIP1608060TAT Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION RFDIP1608060TAT Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION RFDIP1608060TAT Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Approval sheet
Page 1 of 7
ASC_RFDIP1608060TAT_V01
May. 2014
RFDIP Series – 1608(0603)- RoHS Compliance
MULTILAYER CERAMIC DIPLEXER
Halogens Free Product
GPS 1.57GHz & ISM 2.4/5GHz Band Working Frequency
P/N: RFDIP1608060TAT
*Contents in this sheet are subject to change without prior notice.


Similar Part No. - RFDIP1608060TAT

ManufacturerPart #DatasheetDescription
logo
WALSIN TECHNOLOGY CORPO...
RFDIP1608060T1T WALSIN-RFDIP1608060T1T Datasheet
635Kb / 7P
GPS 1.575 GHz/ISM 2.4 GHz Band Application
RFDIP1608060TCT WALSIN-RFDIP1608060TCT Datasheet
852Kb / 8P
GPS 1.57GHz & ISM 2.4/5GHz Band Working Frequency
RFDIP1608060TDT WALSIN-RFDIP1608060TDT Datasheet
659Kb / 7P
GPS 1.57 GHz/ISM 2.4 GHz Band Application
RFDIP1608060THT WALSIN-RFDIP1608060THT Datasheet
514Kb / 3P
RFDIP1608060THT Low Profile Design
RFDIP1608060TM7N3T WALSIN-RFDIP1608060TM7N3T Datasheet
559Kb / 7P
GPS 1.575 GHz/ISM 2.4 GHz/5GHz Band RF Application
More results

Similar Description - RFDIP1608060TAT

ManufacturerPart #DatasheetDescription
logo
WALSIN TECHNOLOGY CORPO...
RFBPF1608060K6T WALSIN-RFBPF1608060K6T Datasheet
838Kb / 7P
5GHz ISM Band Working Frequency
RFBPF2012100K6T WALSIN-RFBPF2012100K6T Datasheet
556Kb / 7P
5GHz ISM Band Working Frequency
RFBPF2012100KST WALSIN-RFBPF2012100KST Datasheet
550Kb / 7P
5GHz ISM Band Working Frequency
RFDIP1608060TCT WALSIN-RFDIP1608060TCT Datasheet
852Kb / 8P
GPS 1.57GHz & ISM 2.4/5GHz Band Working Frequency
RFDIP1608060TS0T62 WALSIN-RFDIP1608060TS0T62 Datasheet
652Kb / 7P
GPS 1.575 GHz/ISM 2.4 GHz/5GHz Band Application
RFDIP2012090T2T WALSIN-RFDIP2012090T2T Datasheet
549Kb / 7P
GPS 1.57 GHz/ISM 2.4 GHz Band Working Frequency
RFDIP2012100L0T WALSIN-RFDIP2012100L0T Datasheet
528Kb / 7P
2.4 GHz & 5GHz ISM Band Working Frequency
RFDIP2012100L3T WALSIN-RFDIP2012100L3T Datasheet
386Kb / 6P
2.4 GHz & 5GHz ISM Band Working Frequency
RFDIP2012100L37B1U WALSIN-RFDIP2012100L37B1U Datasheet
306Kb / 7P
2.4 GHz & 5GHz ISM Band Working Frequency
RFDIP2012100LB7B1U WALSIN-RFDIP2012100LB7B1U Datasheet
381Kb / 7P
2.4 GHz & 5GHz ISM Band Working Frequency
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com