Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0830613 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 0830613
Description  Label for rough plastic surfaces - EML-HA (20X20)R SR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0830613 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  0830613 Datasheet HTML 1Page - PHOENIX CONTACT 0830613 Datasheet HTML 2Page - PHOENIX CONTACT 0830613 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
https://www.phoenixcontact.com/us/produkte/0830613
10.05.2013   Page 2 / 3
Label for rough plastic surfaces - EML-HA (20X20)R SR - 0830613
Technical data
General
Device
5145274 THERMOMARK X1.1
Device
5146231 THERMOMARK X1.2
Device
5146257 THERMOMARK S1.1
Ink ribbon
5145384 THERMOMARK-RIBBON 110
Ink ribbon
0829544 THERMOMARK-RIBBON 110 BU
Ink ribbon
0829542 THERMOMARK-RIBBON 110 GN
Ink ribbon
0829543 THERMOMARK-RIBBON 110 RD
Test specification weathering-resistance
Following ISO 4892-2:2006-02 + A1:2009-07
Test duration
96 h
Wipe resistance test result
Test passed
Salt spray test specification
DIN EN ISO 9227:2012-09
Test duration
96 h
Salt spray testing result
Test passed
Alternating condensation climate with SO2 test specification
DIN 50018:1997-06
Climate level
KFW 1.0 S
Cycles
2
Condensation test result
Test passed
Foil strength
50 µm
Adhesive strength
45 µm
Classifications
ETIM
ETIM 3.0
EC000761
ETIM 4.0
EC000761
ETIM 5.0
EC000761
UNSPSC
UNSPSC 11
39121410
UNSPSC 12.01
39121410
UNSPSC 13.2
39121410
UNSPSC 6.01
30211811
UNSPSC 7.0901
39121410
eCl@ss
eCl@ss 4.0
24190219
eCl@ss 4.1
24190219
eCl@ss 5.0
27149103



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com