Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0830729 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0830729
Description  Label for rough plastic surfaces - EML-HA (51X25)R
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0830729 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0830729 Datasheet HTML 1Page - PHOENIX CONTACT 0830729 Datasheet HTML 2Page - PHOENIX CONTACT 0830729 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
https://www.phoenixcontact.com/us/produkte/0830729
10.05.2013   Page 1 / 3
Label for rough plastic surfaces - EML-HA (51X25)R - 0830729
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://download.phoenixcontact.com)
Label for rough plastic surfaces, Roll, white, Unlabeled, Can be labeled with: Thermomark R, Thermomark X,
Thermomark S, Mounting type: Adhesive, Lettering field: 51 x 25 mm
The figure shows a version of the
article
Key commercial data
Packing unit
1 PCE
GTIN
Custom tariff number
39199000
Country of origin
GERMANY
Technical data
General
Length (b)
51 mm
Width (a)
25 mm
Color
white
Wipe resistance
DIN EN 61010-1 (VDE 0411-1)
Ambient temperature (operation)
-40 °C ... 150 °C
Ambient temperature (assembly)
5 °C
Components
free from silicone and halogen
Material
Polyester
Number of individual labels
1000
Number of individual labels per row
1
RoHS compliant
Yes
Halogen-free
Yes
Silicone-free
Yes
Cadmium-free
Yes
Adhesive
Acrylic


Similar Part No. - 0830729

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0830720 PHOENIX-0830720 Datasheet
188Kb / 5P
KMK HP (25X6) - Cable marker carrier
0830721 PHOENIX-0830721 Datasheet
66Kb / 4P
Cable marker carrier - KMK HP (29X8)
09/11/2020
0830722 PHOENIX-0830722 Datasheet
185Kb / 5P
KMK HP (60X15) - Cable marker carrier
More results

Similar Description - 0830729

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0830600 PHOENIX-0830600 Datasheet
50Kb / 3P
Label for rough plastic surfaces - EML-HA (15X9)R
0830604 PHOENIX-0830604 Datasheet
51Kb / 3P
Label for rough plastic surfaces - EML-HA (40X8)R
0830605 PHOENIX-0830605 Datasheet
51Kb / 3P
Label for rough plastic surfaces - EML-HA (40X15)R
0830606 PHOENIX-0830606 Datasheet
50Kb / 3P
Label for rough plastic surfaces - EML-HA (60X30)R
0830607 PHOENIX-0830607 Datasheet
50Kb / 3P
Label for rough plastic surfaces - EML-HA (70X32)R
0830608 PHOENIX-0830608 Datasheet
51Kb / 3P
Label for rough plastic surfaces - EML-HA (70X150)R
0830609 PHOENIX-0830609 Datasheet
51Kb / 3P
Label for rough plastic surfaces - EML-HA (76X51)R
0830730 PHOENIX-0830730 Datasheet
50Kb / 3P
Label for rough plastic surfaces - EML-HA (70X50)R
0830731 PHOENIX-0830731 Datasheet
50Kb / 3P
Label for rough plastic surfaces - EML-HA (100X73)R
0830733 PHOENIX-0830733 Datasheet
50Kb / 3P
Label for rough plastic surfaces - EML-HA (51X25)R SR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com