Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP140WH1 Datasheet(PDF) 13 Page - LG Semicon Co.,Ltd.

Part # LP140WH1
Description  14.0?쓂 HD TFT LCD
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LG [LG Semicon Co.,Ltd.]
Direct Link  
Logo LG - LG Semicon Co.,Ltd.

LP140WH1 Datasheet(HTML) 13 Page - LG Semicon Co.,Ltd.

Back Button LP140WH1 Datasheet HTML 9Page - LG Semicon Co.,Ltd. LP140WH1 Datasheet HTML 10Page - LG Semicon Co.,Ltd. LP140WH1 Datasheet HTML 11Page - LG Semicon Co.,Ltd. LP140WH1 Datasheet HTML 12Page - LG Semicon Co.,Ltd. LP140WH1 Datasheet HTML 13Page - LG Semicon Co.,Ltd. LP140WH1 Datasheet HTML 14Page - LG Semicon Co.,Ltd. LP140WH1 Datasheet HTML 15Page - LG Semicon Co.,Ltd. LP140WH1 Datasheet HTML 16Page - LG Semicon Co.,Ltd. LP140WH1 Datasheet HTML 17Page - LG Semicon Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
Product Specification
13 / 33
LP140WH1
Liquid Crystal Display
Ver.1.0
May. 22, 2009
3-7. Power Sequence
Note)
1. Valid Data is Data to meet “3-3. LVDS Signal Timing Specifications”
2. Please avoid floating state of interface signal at invalid period.
3. When the interface signal is invalid, be sure to pull down the power supply for LCD VCC to 0V.
4. LED power must be turn on after power supply for LCD and interface signal are valid.
Table 6. POWER SEQUENCE TABLE
Parameter
Value
Units
Min.
Typ.
Max.
T1
0.5
-
10
(ms)
T2
0
-
50
(ms)
T3
200
-
-
(ms)
T4
0
-
T
3
(ms)
T5
0
-
T
6
(ms)
T6
200
-
-
(ms)
T7
0
-
50
(ms)
T8
3
-
10
(ms)
T9
400
-
-
(ms)
T
8
Interface Signal,
V
i
(LVDS Signal of Transmitter)
LED_En
Power Supply For LCD
VCC
90%
10%
10%
0V
90%
T
1
T
2
T
7
Valid Data
0V
OFF
OFF
LED En
T
9
T
3
T
4
PWM
OFF
T
5
T
6
PWM On
※ VLED(LED Power supply) should be turn on before PWM on signal and turn off after PWM off signal.
※ PWM On signal should be fixed PWM duty or DC, not variable duty signal while PWM on.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com