Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7C513 Datasheet(PDF) 8 Page - Alliance Semiconductor Corporation

Part # AS7C513
Description  5V/3.3V 32Kx6 CMOS SRAM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C513 Datasheet(HTML) 8 Page - Alliance Semiconductor Corporation

Back Button AS7C513 Datasheet HTML 2Page - Alliance Semiconductor Corporation AS7C513 Datasheet HTML 3Page - Alliance Semiconductor Corporation AS7C513 Datasheet HTML 4Page - Alliance Semiconductor Corporation AS7C513 Datasheet HTML 5Page - Alliance Semiconductor Corporation AS7C513 Datasheet HTML 6Page - Alliance Semiconductor Corporation AS7C513 Datasheet HTML 7Page - Alliance Semiconductor Corporation AS7C513 Datasheet HTML 8Page - Alliance Semiconductor Corporation AS7C513 Datasheet HTML 9Page - Alliance Semiconductor Corporation AS7C513 Datasheet HTML 10Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
®
AS7C513
AS7C3513
3/23/01; v.1.0
Alliance Semiconductor
P. 8 of 10
Package dimensions
Ordering codes
NA: not available.
Part numbering system
Package\Access time
Volt/Temp
12 ns
15 ns
20 ns
Plastic SOJ, 400 mil
5V commercial
AS7C513-12JC
AS7C513-15JC
AS7C513-20JC
3.3V commercial
AS7C3513-12JC
AS7C3513-15JC
AS7C3513-20JC
TSOP II, 18.4×10.2 mm
5V commercial
AS7C513-12TC
AS7C513-15TC
AS7C513-20TC
3.3V commercial
AS7C3513-12TC
AS7C3513-15TC
AS7C3513-20TC
AS7C
X
513
–XX
X
C
SRAM prefix
Voltage:Blank = 5V CMOS
3
= 3.3V CMOS
Device number
Access time
Package: J = SOJ 400 mil
T= TSOP II,
18.4×10.2 mm
Commercial temperature
range: 0 oC to 70 0C
Industrial temperature
range: -40C to 85C
44-pin TSOP II
Min (mm)
Max (mm)
A1.2
A1
0.05
A2
0.95
1.05
b0.25
0.45
c
0.15 (typical)
d
18.28
18.54
e
10.06
10.26
He
11.56
11.96
E
0.80 (typical)
l0.40
0.60
d
He
123 4567 89 10 11 12 13 14
44 43 42 41 40 39 38 37 36 35 34 33 32 31
15 16
30 29
17 18 19 20
28 27 26 25
c
l
A1
A2
E
44-pin TSOP II
0–5°
21
24
22
23
e
A
b
44-pin SOJ
400 mil
Min
Max
A
0.128
0.148
A1
0.025
-
A2
1.105
1.115
B
0.026
0.032
b
0.015
0.020
c
0.007
0.013
D
1.120
1.130
E
0.370 NOM
E1
0.395
0.405
E2
0.435
0.445
e
0.050 NOM
e
D
E1
Pin 1
b
B
A1
A2
c
E2
Seating
Plane
E2
A
44-pin SOJ



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com