Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7C3513 Datasheet(PDF) 3 Page - Alliance Semiconductor Corporation

Part # AS7C3513
Description  5V/3.3V 32Kx6 CMOS SRAM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C3513 Datasheet(HTML) 3 Page - Alliance Semiconductor Corporation

  AS7C3513 Datasheet HTML 1Page - Alliance Semiconductor Corporation AS7C3513 Datasheet HTML 2Page - Alliance Semiconductor Corporation AS7C3513 Datasheet HTML 3Page - Alliance Semiconductor Corporation AS7C3513 Datasheet HTML 4Page - Alliance Semiconductor Corporation AS7C3513 Datasheet HTML 5Page - Alliance Semiconductor Corporation AS7C3513 Datasheet HTML 6Page - Alliance Semiconductor Corporation AS7C3513 Datasheet HTML 7Page - Alliance Semiconductor Corporation AS7C3513 Datasheet HTML 8Page - Alliance Semiconductor Corporation AS7C3513 Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
®
AS7C513
AS7C3513
3/23/01; v.1.0
Alliance Semiconductor
P. 3 of 10
Recommended operating conditions
† V
IL min = –3.0V for pulse width less than tRC/2.
DC operating characteristics (over the operating range)1
Shaded areas indicate advance information.
Capacitance (f = 1MHz, Ta = 25
o C, V
CC = NOMINAL)
2
Parameter
Device
Symbol
Min
Typical
Max
Unit
Supply voltage
AS7C513
VCC
4.5
5.0
5.5
V
AS7C3513
VCC
3.0
3.3
3.6
V
Input voltage
AS7C513
VIH
2.2
–
VCC + 0.5
V
AS7C3513
VIH
2.0
–
VCC + 0.5
VIL
–0.5
†
–0.8
V
Ambient operating temperature
commercial
TA
0–
70
° C
industrial
TA
–40
–
05
° C
Parameter
Symbol
Test conditions
Device
-12
-15
-20
Unit
Min Max Min Max Min Max
Input leakage current
| I
LI |
VCC = Max
VIN = GND to VCC
–1
–1
–1
µA
Output leakage current
| I
LO |
VCC = Max
VOUT = GND to VCC
–1
–1
–1
µA
Operating power supply
current
ICC
VCC = Max, CE ≤ VIL
f = fMax , IOUT = 0mA
AS7C513
–
160
–
150
–
140
mA
AS7C3513
–
120
–
110
–
100
Standby power supply
current
ISB
VCC = Max, CE ≤ VIL
f = fMax , IOUT = 0mA
AS7C513
–
40
–
40
–
40
mA
AS7C3513
–
40
–
40
–
40
ISB1
VCC = Max, CE ≥ VCC–0.2V
VIN ≤ GND + 0.2V or
VIN ≥ VCC –0.2V, f = 0
AS7C513
–
3
–
3
–
3
mA
AS7C3513
–3
–3
–3
Output voltage
VOL
IOL = 8 mA, VCC = Min
–
0.4
–
0.4
–
0.4
V
VOH
IOH = –4 mA, VCC = Min
2.4
–2.4
–2.4
–
V
Parameter
Symbol
Signals
Test conditions
Max
Unit
Input capacitance
CIN
A, CE, WE, OE, LB, UB
Vin = 0V
5
pF
I/O capacitance
CI/O
I/O
Vin = Vout = 0V
7
pF



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com