Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HRF-ROC093XC-T Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # HRF-ROC093XC-T
Description  Radio On A Chip 860-928 MHz Frequency Agile With SPI Bus Interface
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

HRF-ROC093XC-T Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  HRF-ROC093XC-T Datasheet HTML 1Page - List of Unclassifed Manufacturers HRF-ROC093XC-T Datasheet HTML 2Page - List of Unclassifed Manufacturers HRF-ROC093XC-T Datasheet HTML 3Page - List of Unclassifed Manufacturers HRF-ROC093XC-T Datasheet HTML 4Page - List of Unclassifed Manufacturers HRF-ROC093XC-T Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
HRF-ROC093XC
Advance Information
Web Site:
www.mysoiservices.com
Honeywell
Email:
mysoiservices@honeywell.com
Solid State Electronics Center
12001 State Highway 55
2003 09325XC
Published June 2003
Page 4
Plymouth, Minnesota 55441-4799
1-800-323-8295
Pin Configuration
HRF-ROC093XC 48 Pin LPCC
TM (7 mm X 7 mm) Package Pin List
* RF/Digital ground is provided through backside slug pad.
Pin
Name
Function
Pin
Name
Function
1
SWITCH TX
Optional connection – PA
AC OUT to SWITCH
ANTENNA
25
SPI CLK IN
SPI Clock
2
PA AC OUT
AC-coupled PA output – 10
pf series cap
26
SPI SSN IN
SPI Slave Select
3
VP PA
Positive supply for PA
27
DIG DATA IN
Digital Section Rx Text
Input, Ext. digital data
4
PA DC OUT
PA Direct Connection for
output bias
28
SPI DATA IN
SPI Serial Data input
5
VCO TANK2
VCO external tank
connection
29
RESET N
Digital Section Reset
6
VCO TANK1
VCO external tank
connection
30
MIXER REF
Mixer Ref Voltage Filter
7
VP VCO
Positive supply for VCO
31
SCHM TRIG LEV
Detection level
monitor/filtering
8
VMOD LG
VCO varactor input, high
deviation
32
PRE TRIG DATA
RX Analog Data, pre-
detection
9
VMOD SM
VCO varactor input, low
deviation
33
V CM REF
Common mode voltage
filtering
10
TX MOD DATA
Data charge pump output
34
VP BB
Positive supply for
Baseband Filter
11
VP PLL
Positive supply for PLL
35
Q FILT BW N
BB Filter BW Control
12
REXT PLL
PLL bais resistor
36
Q FILT BW P
BB Filter BW Control
13
PD OUT
Phase Detector charge pump
output
37
I FILT BW N
BB Filter BW Control
14
CRYSTAL 1
Reference crystal
38
I FILT BW P
BB Filter BW Control
15
CRYSTAL 2
Reference crystal
39
Q MIX ADJ
Dynamic Range Adjust
16
RTEST OUT
PLL R-counter out
40
I MIX ADJ
Dynamic Range Adjust
17
PTEST OUT
PLL N-counter output
41
VP MIX
Positive supply for Mixer
18
SQUELCH 1
Bit 1, 4-level window Select
42
VP LNA
Positive supply for LNA
19
SQUELCH 2
Bit 1, 4-level window Select
43
RF GAIN
LNA Gain Control: open –
low, ground – high
20
VP DIG
Positive supply for DIG
44
VP LNA
Positive supply for LNA
21
RX OUT
Demodulated Rx data
45
LNA INPUT
LNA input
22
TX DATA V
Logic level Tx data
46
LNA BIAS ADJ
DC Bias Resistor
23
SPI INT OUT
SPI Interrupt output
47
SWITCH RX
Optional connection – LNA
INPUT to SWITCH
ANTENNA
24
SPI DATA OUT
SPI Serial Data output
48
SW ANTENNA
Switch connection to
Antenna



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com