Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2950ACZ-3.0 Datasheet(PDF) 6 Page - ON Semiconductor

Part # LP2950ACZ-3.0
Description  Micropower Voltage Regulators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LP2950ACZ-3.0 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button LP2950ACZ-3.0 Datasheet HTML 2Page - ON Semiconductor LP2950ACZ-3.0 Datasheet HTML 3Page - ON Semiconductor LP2950ACZ-3.0 Datasheet HTML 4Page - ON Semiconductor LP2950ACZ-3.0 Datasheet HTML 5Page - ON Semiconductor LP2950ACZ-3.0 Datasheet HTML 6Page - ON Semiconductor LP2950ACZ-3.0 Datasheet HTML 7Page - ON Semiconductor LP2950ACZ-3.0 Datasheet HTML 8Page - ON Semiconductor LP2950ACZ-3.0 Datasheet HTML 9Page - ON Semiconductor LP2950ACZ-3.0 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
LP2950
http://onsemi.com
6
T, TEMPERATURE (
°C)
0
200
0
8.0
–50
550
–100
7.0
4.70
5.0
0.1
400
t, TIME (ms)
t, TIME (
µs)
t, TIME (
µs)
Vin, INPUT VOLTAGE (V)
Figure 5. Dropout Voltage versus
Output Current
IO, OUTPUT CURRENT (mA)
Figure 6. Dropout Voltage versus Temperature
Figure 7. Error Comparator Output
Figure 8. Line Transient Response
Figure 9. LP2951 Enable Transient
Figure 10. Load Transient Response
1.0
10
100
0
50
100
150
4.74
4.78
4.82
4.86
100
200
300
4.90
400
500
600
700
800
0
100
200
300
400
400
250
50
150
200
300
350
100
300
200
0
500
450
400
300
7.5
7.0
6.5
6.0
5.5
4.0
3.0
1.0
0
5.0
3.0
1.0
–1.0
150
100
0
–50
50
RL = 50
Vin Decreasing
Vin Increasing
Vin
Vout
RL = 50 k
TA = 25°C
CL = 1.0 µF
IL = 1.0 mA
VO = 5.0 V
CL = 1.0 µF
Vout = 5.0 V
TA = 25°C
Vout
ILoad
TA = 25°C
IL = 10 mA
Vin = 8.0 V
Vout = 5.0 V
CL = 10 µF
Shutdown Input
350
55
50
45
40
30
35
350
250
150
100
2.0
4.0
2.0
0
– 2.0
– 6.0
– 4.0
0
– 200
200
400
– 400
6.0
4.0
2.0
0
50
CL = 1.0 µF
TA = 25°C
LP2951C
RL = 330 k
TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com