Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4989 Datasheet(PDF) 77 Page - STMicroelectronics

Part # AN4989
Description  STM32 microcontroller debug toolbox
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4989 Datasheet(HTML) 77 Page - STMicroelectronics

Back Button AN4989 Datasheet HTML 73Page - STMicroelectronics AN4989 Datasheet HTML 74Page - STMicroelectronics AN4989 Datasheet HTML 75Page - STMicroelectronics AN4989 Datasheet HTML 76Page - STMicroelectronics AN4989 Datasheet HTML 77Page - STMicroelectronics AN4989 Datasheet HTML 78Page - STMicroelectronics AN4989 Datasheet HTML 79Page - STMicroelectronics AN4989 Datasheet HTML 80Page - STMicroelectronics AN4989 Datasheet HTML 81Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 99 page
background image
DocID030181 Rev 2
77/99
AN4989
Troubleshooting
98
10
Troubleshooting
Table 6 summarizes solutions to overcome some of the most frequent issues faced during
debug setting and operation.
Table 6. Troubleshooting
Problem
Solution
Connection with target lost during debug of low-power
system
Ensure debug in low-power in DBGMCU register is
enabled.
Ensure SWD pin not set in analog state.
Refer to Section 4.1: SWD/JTAG pinout and to
Section 4.3: Low-power case.
Fail to get printf via SWO
Refer to Section 7.3: Printf via SWO/SWV.
An unexpected power consumption is measured for a
low-power application.
Check that low-power debug in DBGMCU register is
OFF. Beware that this register is reset only with a POR
(power-on reset).
Refer to Section 4.3.
Fail to connect to a board with Normal/System Reset
Try ConnectUnderReset / Hardware Reset connection
mode. This resets SWD connection in case it has been
disabled by application.
Refer to Section 4.2.
Fail to connect on board using
ConnectUnderReset/Hardware using ST-LINK
Ensure NRST of ST-LINK is properly connected to MCU
NRST (e.g. check SB12 for Nucleo).
Fail to see clock signal on MCO output
Ensure that the clock configured to MCO is in the
supported range of the GPIO and that the OSPEED
setting is correct.
Refer to Section 8.2.
Impossible to evaluate a value or a variable, or
impossible to set a breakpoint at a specific line in code
Compiler optimization is probably enabled. Remove it.
Refer to Chapter 3: Compiling for debug.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com