Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSR8670 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # CSR8670
Description  Low-power Solution for DSP Intensive Audio Applications
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CSR8670 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  CSR8670 Datasheet HTML 1Page - List of Unclassifed Manufacturers CSR8670 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Device Details
Bluetooth Radio
■
On-chip balun (50Ω impedance in TX and RX modes)
■
No external trimming is required in production
■
Bluetooth v3.0 specification compliant
Bluetooth Transmitter
■
10dBm RF transmit power with level control from on-chip
6-bit DAC over a dynamic range >30dB
■
Class 1, Class 2 and Class 3 support without the need for
an external power amplifier or TX/RX switch
Bluetooth Receiver
■
Receiver sensitivity of -90dBm
■
Integrated channel filters
■
Digital demodulator for improved sensitivity and co-
channel rejection
■
Real-time digitised RSSI available to application
■
Fast AGC for enhanced dynamic range
■
Channel classification for AFH
Bluetooth Synthesiser
■
Fully integrated synthesiser requires no external VCO,
varactor diode, resonator or loop filter
■
Compatible with crystals 19.2MHz to 42MHz or an external
clock 19.2MHz to 42MHz
■
Accepts 19.2, 19.44, 19.68, 19.8 and 38.4MHz TCXO
frequencies for GSM and CDMA devices with sinusoidal
or logic level signals
Kalimba DSP
■
Enhanced Kalimba DSP coprocessor, 80MIPS, 24‑bit
fixed point core
■
2 single-cycle MACs; 24 x 24-bit multiply and 56-bit
accumulator
■
32-bit instruction word, dual 24-bit data memory
■
12K x 32-bit program RAM including 1K instruction cache
for executing out of internal flash
■
32K x 24-bit + 32K x 24-bit 2-bank data RAM
Audio Interfaces
■
Audio codec with 2 high-quality dedicated ADCs
■
2 microphone bias generators and up to 2 analogue
microphone inputs
■
Up to 6 digital microphone (MEMS) inputs
■
G.722 compatible, includes improved digital FIR filter path
for stop-band attenuation required for G.722 compliance
■
Enhanced side-tone gain control
■
Supported sample rates of 8, 11.025, 16, 22.05, 32, 44.1,
48 and 96kHz (DAC only)
Baseband and Software
■
16Mb internal flash
■
Memory protection unit supporting accelerated VM
■
56KB internal RAM, enables full-speed data transfer,
mixed voice/data and full piconet support
■
Logic for forward error correction, header error control,
access code correlation, CRC, demodulation, encryption
bit stream generation, whitening and transmit pulse
shaping
■
Transcoders for A-law, µ-law and linear voice via PCM and
A-law, µ-law and CVSD voice over air
Physical Interfaces
■UART interface
■
USB 2.0 interface (full-speed)
■
Master and slave bit-serialiser (I²C and SPI)
■
Up to 29 PIOs, i.e. 14 general purpose PIOs and unused
digital interfaces are available as PIOs
■
SPI debug and programming interface with read access
disable locking
■
PCM, I²S and SPDIF interfaces
■
Dual/quad external serial flash memory interface
■
3 LED drivers (includes RGB) with PWM flasher on sleep
clock
■
Support for up to 6 capacitive touch sensor inputs
Integrated Power Control and Regulation
■
2 high-efficiency switch-mode regulators with 1.8V and
1.35V outputs from battery supply
■
3.3V USB pad supply linear regulator
■
Low-voltage linear regulator for internal digital supply with
0.80V to 1.25V output
■
Low-voltage linear regulator for internal analogue supply
with 1.35V output
■
Power-on-reset detects low supply voltage
■
Power management includes digital shutdown and wake-
up commands with an integrated low-power oscillator for
ultra-low power Park/Sniff/Hold mode
Battery Charger
■
Lithium ion / Lithium polymer battery charger with instant-
on
■
Fast charging support up to 200mA with no external
components
■
Higher charge currents using external pass device
■
Supports USB charge enumeration
■
Charger pre-calibrated
■
PSE compliance:
■
Design to JIS-C 8712/8714 (batteries)
■
Testing based on IEEE 1725
Auxiliary Features
■
Customer application space available
■
Crystal oscillator with built-in digital trimming
■
Clock request output to control external clock
■
Auxiliary ADC and DAC available to applications
Package Option
■
6.5 x 6.5 x 1mm, 0.5mm pitch 112‑ball VFBGA
Production Information
This material is subject to CSR's non-disclosure agreement
© Cambridge Silicon Radio Limited 2011
Page 2 of 116
CS-127997-DSP2
www.csr.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com