Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJM2384 Datasheet(PDF) 7 Page - New Japan Radio

Part # NJM2384
Description  DC/DC CONVERTER CONTROL IC WITH CURRENT SENSE AMPLIFIER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2384 Datasheet(HTML) 7 Page - New Japan Radio

  NJM2384 Datasheet HTML 1Page - New Japan Radio NJM2384 Datasheet HTML 2Page - New Japan Radio NJM2384 Datasheet HTML 3Page - New Japan Radio NJM2384 Datasheet HTML 4Page - New Japan Radio NJM2384 Datasheet HTML 5Page - New Japan Radio NJM2384 Datasheet HTML 6Page - New Japan Radio NJM2384 Datasheet HTML 7Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
NJM2384
-7-
■TYPICAL CHARACTERISTICS
[CAUTION]
The specifications on this databook are only
given for information , without any guarantee
as regards either mistakes or omissions. The
application circuits in this databook are
described only to show representative usages
of the product and not intended for the
guarantee or permission of any right including
the industrial rights.
Oscillator Frequency vs. Temperature
(V
+=6V,R
T=33kΩ,CT=1000pF)
60
80
100
120
140
160
-50 -25
0
25
50
75 100 125 150
Ambient Temperature Ta (°C)
Reference Voltage vs. Temperature
(V
+=6V,I
OR=1mA)
2
2.2
2.4
2.6
2.8
3
-50 -25
0
25 50 75 100 125 150
Ambient Temperature Ta (°C)
L Output Voltage vs. Temperature
(V+=6V,ISINK=100mA,RT=33kΩ,CT=1000pF)
0
0.1
0.2
0.3
0.4
0.5
-50 -25
0
25
50
75 100 125 150
Ambient Temperature Ta (°C)
Supply Current vs. Temperature
(V+=6V,RT=33kΩ,CT=1000pF)
0
2
4
6
8
-50 -25
0
25
50 75 100 125 150
Ambient Temperature Ta (°C)
ICCAV
ICCLA



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com